Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4449 Datasheet(PDF) 53 Page - Linear Technology

Part # LTC4449
Description  Dual Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4449 Datasheet(HTML) 53 Page - Linear Technology

Back Button LTC4449 Datasheet HTML 49Page - Linear Technology LTC4449 Datasheet HTML 50Page - Linear Technology LTC4449 Datasheet HTML 51Page - Linear Technology LTC4449 Datasheet HTML 52Page - Linear Technology LTC4449 Datasheet HTML 53Page - Linear Technology LTC4449 Datasheet HTML 54Page - Linear Technology LTC4449 Datasheet HTML 55Page - Linear Technology LTC4449 Datasheet HTML 56Page - Linear Technology LTC4449 Datasheet HTML 57Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 108 page
background image
LTC3882-1
53
Rev A
For more information www.analog.com
38821 F34
100ms/DIV
VOUT2
VOUT3
VOUT4
VOUT1
1V/DIV
APPLICATIONS INFORMATION
Figure 34. LTC3882-1 Time-Based Ratiometric Ramping
Figure 35. Cascade Sequencing Configuration
LTC3882-1
PGOOD0
PGOOD1
RUN 1
RUN 0
START
LTC3882-1
38821 F35
RUN 0
PGOOD0
PGOOD1
TO NEXT CHANNEL
IN THE SEQUENCE
(PGOOD PULL-UP RESISTORS
TO 3.3V NOT SHOWN)
RUN 1
Figure 31. Example of 1ms TON_RISE
Figure 33. LTC3882-1 Time-Based Coincident Supply Ramping
Figure 32. LTC3882-1 Time-Based Supply Sequencing
Figure 35. This configuration hardware disables the next
downstream controller anytime the output is not within
the specified UV and OV limits, or the upstream controller
is disabled. When indicating power is not good, there is
a 30µs deglitching filter on the PGOOD output to assure
the signal does not toggle repeatedly at lower values of
TON_RISE/FALL due to noise on VOUT. If unwanted transi-
tions still occur on PGOOD due to noise or longer rise/fall
settings, place a capacitor to ground on the PGOOD pin
to further filter the waveform. The RC time-constant of
the filter should be low enough to assure no appreciable
delay is incurred. A value of 300μs to 500μs will provide
some additional filtering without significantly delaying
the trigger event.
38821 F31
VOUT
(1V/DIV)
RUN
(5V/DIV)
200µs/DIV
38821 F32
VOUT2
VOUT3
VOUT4
VOUT1
100ms/DIV
1V/DIV
38821 F33
100ms/DIV
VOUT2
VOUT3
VOUT4
VOUT1
1V/DIV
38821 F36
100ms/DIV
VOUT2
VOUT3
VOUT4
VOUT1
1V/DIV
Figure 36. Cascade Sequencing Waveforms
When the system is turned off, rails will shut down in the
same order as they turn on, as shown in Figure 36. If a
different sequence is required, the circuit must be rewired
or delays must be added by programming TON_DELAY or
TOFF_DELAY.Afundamentallimitationofthisapplicationis
the inability of upstream rails to detect a start-up failure of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com