Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4449 Datasheet(PDF) 41 Page - Linear Technology

Part # LTC4449
Description  Dual Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4449 Datasheet(HTML) 41 Page - Linear Technology

Back Button LTC4449 Datasheet HTML 37Page - Linear Technology LTC4449 Datasheet HTML 38Page - Linear Technology LTC4449 Datasheet HTML 39Page - Linear Technology LTC4449 Datasheet HTML 40Page - Linear Technology LTC4449 Datasheet HTML 41Page - Linear Technology LTC4449 Datasheet HTML 42Page - Linear Technology LTC4449 Datasheet HTML 43Page - Linear Technology LTC4449 Datasheet HTML 44Page - Linear Technology LTC4449 Datasheet HTML 45Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 108 page
background image
LTC3882-1
41
Rev A
For more information www.analog.com
PMBus COMMAND SUMMARY
Table 7. PMBus Command Summary
COMMAND NAME
CMD
CODE DESCRIPTION
TYPE
PAGED
DATA
FORMAT UNITS NVM
DEFAULT
VALUE
SEE
PAGE
MFR_FAULT_RESPONSE
0xD5 PWM response when FAULT
n pin is low.
R/W Byte
Y
Reg
l
0xC0
100
MFR_OT_FAULT_RESPONSE
0xD6 Internal overtemperature fault response.
R Byte
N
Reg
0xC0
97
MFR_IOUT_PEAK
0xD7 Maximum IOUT measurement since last
MFR_CLEAR_PEAKS.
R Word
Y
L11
A
92
MFR_RETRY_DELAY
0xDB Minimum time before retry after a fault.
R/W Word
Y
L11
ms
l
350ms
0xFABC
98
MFR_RESTART_DELAY
0xDC Minimum time RUN pin is held low by
the LTC3882-1.
R/W Word
Y
L11
ms
l
500ms
0xFBE8
83
MFR_VOUT_PEAK
0xDD Maximum VOUT measurement since last
MFR_CLEAR_PEAKS.
R Word
Y
L16
V
91
MFR_VIN_PEAK
0xDE Maximum VIN measurement since last
MFR_CLEAR_PEAKS.
R Word
N
L11
V
91
MFR_TEMPERATURE_1_PEAK 0xDF Maximum external temperature
measurement since last MFR_CLEAR_
PEAKS.
R Word
Y
L11
°C
92
MFR_CLEAR_PEAKS
0xE3 Clear all peak values.
Send Byte
N
93
MFR_PADS_LTC3882-1
0xE5 State of selected LTC3882-1 pads.
R Word
N
Reg
89
MFR_ADDRESS
0xE6 Specify right-justified 7-bit device
address.
R/W Byte
N
Reg
l
0x4F
71
MFR_SPECIAl_ID
0xE7 Manufacturer code representing the
LTC3882-1
R Word
N
Reg
0x424X
103
MFR_FAULT_LOG_STORE
0xEA Force transfer of fault log from operating
memory to EEPROM.
Send Byte
N
103
MFR_FAULT_LOG_CLEAR
0xEC Clear existing EEPROM fault log.
Send Byte
N
101
MFR_FAULT_LOG
0xEE Read fault log data.
R Block
N
Reg
101
MFR_COMMON
0xEF LTC-generic device status reporting.
R Byte
N
Reg
90
MFR_COMPARE_USER_ALL
0xF0 Compare operating memory with
EEPROM contents.
Send Byte
N
102
MFR_TEMPERATURE_2_PEAK 0xF4 Maximum internal temperature
measurement since last
MFR_CLEAR_PEAKS.
R Word
N
L11
°C
93
MFR_PWM_CONFIG_LTC3882-1 0xF5 LTC3882-1 PWM configuration common
to both channels.
R/W Byte
N
Reg
l
0x14
75
MFR_IOUT_CAL_GAIN_TC
0xF6 Output current sense element
temperature coefficient.
R/W Word
Y
CF
ppm/°C
l
3900ppm/°C
0x0F3C
82
MFR_TEMP_1_GAIN
0xF8 Slope for external temperature
calculations.
R/W Word
Y
CF
l
1.0
0x4000
85
MFR_TEMP_1_OFFSET
0xF9 Offset addend for external temperature
calculations.
R/W Word
Y
L11
°C or V
l
0.0
0x8000
85
MFR_RAIL_ADDRESS
0xFA Specify unique right-justified 7-bit
address for channels comprising a
PolyPhase output.
R/W Byte
Y
Reg
l
0x80
71
MFR_RESET
0xFD Force full reset without removing power. Send Byte
N
73
NVM l Indicates a command value stored to internal EEPROM using STORE_USER_ALL or restored to RAM from internal EEPROM at power-up or
execution of RESTORE_USER_ALL or MFR_RESET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com