Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4449 Datasheet(PDF) 23 Page - Linear Technology

Part # LTC4449
Description  Dual Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4449 Datasheet(HTML) 23 Page - Linear Technology

Back Button LTC4449 Datasheet HTML 19Page - Linear Technology LTC4449 Datasheet HTML 20Page - Linear Technology LTC4449 Datasheet HTML 21Page - Linear Technology LTC4449 Datasheet HTML 22Page - Linear Technology LTC4449 Datasheet HTML 23Page - Linear Technology LTC4449 Datasheet HTML 24Page - Linear Technology LTC4449 Datasheet HTML 25Page - Linear Technology LTC4449 Datasheet HTML 26Page - Linear Technology LTC4449 Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 108 page
background image
LTC3882-1
23
Rev A
For more information www.analog.com
OPERATION
of the LTC3882-1 monitor ADC, they have an input range
of approximately ±128mV and a noise floor of 7μVRMS.
Peak-peaknoiseisapproximately46.5μV.TheinternalADC
anti-aliasing filter and conversion rate produce an average
readingoftheISENSEdifferentialvoltage.Theresultingvalue
is returned by the READ_IOUT PMBus command. Refer to
the Applications Information section for details on sensing
output current using inductor DCR or discrete resistors.
External and Internal Temperature Sense
Externaltemperaturecanbestbemeasuredusingaremote,
diode-connected PNP transistor such as the MMBT3906.
The emitter should be connected to a TSNS pin while the
base and collector terminals of the PNP transistor must be
shorted together and returned directly to the LTC3882-1
GND pin. Two different currents are applied to the diode
(nominally 2μA and 32μA) and the temperature is calcu-
lated from a ∆VBE measurement made with the internal
16-bit monitor ADC.
The LTC3882-1 also supports direct VBE based external
temperature measurements. In this case the diode or di-
ode network is trimmed to a specific voltage at a specific
current and temperature. In general this method does not
yield as accurate a result as the ∆VBE measurement. Refer
toMFR_PWM_MODE_LTC3882-1inthePMBusCommand
Detailssectionforadditionalinformationonprogramming
the LTC3882-1 for these two external temperature sense
configurations.
The calculated temperature is returned by the PMBus
READ_TEMPERATURE_1 command. Refer to the Appli-
cations Information section for details on proper layout
of external temperature sense elements and PMBus
commands that can be used to improve the accuracy of
calculated temperatures.
The READ_TEMPERATURE_2 command returns the
internal junction temperature of the LTC3882-1 using an
on-chip diode with a ∆VBE measurement and calculation.
Resistor Configuration Pins
Sixinputpinscanbeusedtoconfigurekeyoperatingparam-
eters with selected 1% resistors arranged between VDD25
and GND as a divider to the pin(s). The pins are ASEL0,
ASEL1,VOUT0_CFG,VOUT1_CFG,FREQ_CFG,andPHAS_CFG.
If any of these pins are left open the value stored in the
corresponding EEPROM command is used. The resistor
configuration pins are only measured during power-up
and execution of RESTORE_USER_ALL or MFR_RESET
commands. If bit 6 of the MFR_CONFIG_ALL_LTC3882-1
command is set in EEPROM, all resistor inputs except
ASELn are ignored. Per the PMBus specification, all pin-
programmed parameters can be overridden at any time
by commands from the digital interface.
The ASELn pin settings are described in application
Table 11. These pins can be used to select the entire
LTC3882-1 device address. ASEL0 always programs the
bottom four bits of the device address for the LTC3882-1
unless left open. ASEL1 can be used to program the three
most-significantbits.Eitherportionoftheaddresscanalso
be retrieved from the MFR_ADDRESS value in EEPROM.
If both pins are left open, the full 7-bit MFR_ADDRESS
value stored in EEPROM is used to determine the device
address. The LTC3882-1 always responds to 7-bit global
addresses 0x5A and 0x5B. MFR_ADDRESS should not be
set to either of these values.
The VOUTn_CFG pin settings are described in application
Table 8. These pins select the output voltages for the
related channel.
The following parameters are also set as a percentage of
the programmed VOUT if resistor configuration pins are
used to determined output voltage:
• VOUT_OV_FAULT_LIMIT: +10%
• VOUT_OV_WARN_LIMIT: +7.5%
• VOUT_MAX: +7.5%
• VOUT_MARGIN_HIGH: +5%
• VOUT_MARGIN_LOW: –5%
• VOUT_UV_WARN_LIMIT: –6.5%
• VOUT_UV_FAULT_LIMIT: –7%
The FREQ_CFG pin settings are described in application
Table 9. This pin selects the switching frequency of the
internal oscillator and enables the SYNC output if not left
open, shorted to GND or ignored by EEPROM setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com