Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4449 Datasheet(PDF) 66 Page - Linear Technology

Part # LTC4449
Description  Dual Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4449 Datasheet(HTML) 66 Page - Linear Technology

Back Button LTC4449 Datasheet HTML 62Page - Linear Technology LTC4449 Datasheet HTML 63Page - Linear Technology LTC4449 Datasheet HTML 64Page - Linear Technology LTC4449 Datasheet HTML 65Page - Linear Technology LTC4449 Datasheet HTML 66Page - Linear Technology LTC4449 Datasheet HTML 67Page - Linear Technology LTC4449 Datasheet HTML 68Page - Linear Technology LTC4449 Datasheet HTML 69Page - Linear Technology LTC4449 Datasheet HTML 70Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 108 page
background image
LTC3882-1
66
Rev A
For more information www.analog.com
APPLICATIONS INFORMATION
LTpowerPlay can also be used offline (no hardware pres-
ent) to build multiple IC configuration files that can be
saved and later reloaded. LTpowerPlay uses the DC1613
USB-to-I2C/SMBus/PMBus controller to communicate
with a system for evaluation, development or debug. The
software also features automatic update to remain up-
to-date with the latest device drivers and documentation
available from Linear Technology. A great deal of context
sensitive help is available within LTpowerPlay, along with
severaltutorials.Completeinformationisavailableathttp://
www.linear.com/ltpowerplay.
Interfacing to the DC1613
The LTC DC1613 USB-to-I2C/SMBus/PMBus controller
can be interfaced to the LTC3882-1 on any board for
programming, telemetry and system debug. This includes
the DC1936 from Linear Technology, or any customer
target system. The controller, when used in conjunction
with LTpowerPlay, provides a powerful way to debug an
entire power system. Faults are quickly diagnosed using
telemetry, fault status registers and the fault log. The final
configuration can be quickly developed and stored to the
LTC3882-1EEPROMand/orLTpowerPlayconfigurationfile.
The DC1613 can communicate with, program and even
power one or more LTC3882-1s, regardless of whether
system supplies are up. The DC2086 Powered Program-
ming Adapter can be used to extend the power sourcing
capability of the DC1613. Figure 47 illustrates an applica-
tion schematic for in-system programming of multiple
LTC3882-1s normally powered from a VCC system supply
(5V to 12V). If VCC is applied, the DC1613 will not supply
the LTC3882-1s on the board. If the DC2086 is used, PFETs
with lower RDS(ON), such as the SiA907EDJT, should be
used in place of the TP0101K devices. Figure 48 shows an
example when the system normally provides 3.3V directly
to the LTC3882-1(s).
If system supplies are not up in either of these circuits, the
DC1613 will power the LTC3882-1 VDD33 supply, allowing
in-circuit configuration or manufacturing customization.
These circuits also facilitate remote diagnostics, control
and reprogramming of the LTC3882-1 while the host
system is fully operational, permitting very flexible in-
system debugging.
If the system supply is restored while power is still applied
by the DC1613 or DC2086, the LTC3882-1 can often be
ready to initiate output soft-start before sufficient supply
bias for the power stage has been established. Create
additional LTC3882-1 delay with TON_DELAY or use a
common system RUN line to control both the LTC3882-1
and its related power stages based on acceptable operat-
ing parameters, as shown in Figure 55. The DC1613 I2C
connections are opto-isolated from the host PC USB. The
DC1613 3.3V current limit is only 100mA, so it should
only be used to power one or two LTC3882-1s in-system.
Because of this limited current sourcing capability, only
the LTC3882-1s, their associated pull-up resistors and the
I2C pull-up resistors should be powered from the isolated
3.3V supply provided by the DC1613. Using the DC2086
will enable in-system programming of several tens of
LTC3882-1 devices without normal system power applied.
Any other device sharing the I2C bus with the LTC3882-1
should not have body diodes between their SDA/SCL pins
andtheirrespectivelogicsupply,becausethiswillinterfere
with bus communication in the absence of system power.
Hold the RUN pins low externally to avoid providing power
to the load until the part is fully configured.
Design Example
As a design example, consider a 132W 2-phase applica-
tion such as the one shown in Figure 53, where VIN = 36V,
VOUT = 3.3V, and IOUT = 40A. A fully discrete power stage
designisemployedtoallowbetteroptimizationgiventhese
demanding requirements. Assume that a secondary 5V
supply will be available in the system for the LTC3882-1
VCC supply. The necessary local bypassing is then pro-
vided for the VDD33 (2.2µF) and VDD25 (1µF) LDO outputs.
These LDO outputs should not be shared with other ICs
that might have outputs of the same name, because they
have independent, internal control loops. When VDD33
is used as the LTC3882-1 supply input, it may be shared
with other ICs operating from that 3.3V supply. Local HF
bypassing of at least 0.1µF is still required on VDD33 in
this case.
First, the regulated output is established by programming
the VOUT_COMMAND stored in EEPROM to 3.3V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com