Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4449 Datasheet(PDF) 42 Page - Linear Technology

Part # LTC4449
Description  Dual Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4449 Datasheet(HTML) 42 Page - Linear Technology

Back Button LTC4449 Datasheet HTML 38Page - Linear Technology LTC4449 Datasheet HTML 39Page - Linear Technology LTC4449 Datasheet HTML 40Page - Linear Technology LTC4449 Datasheet HTML 41Page - Linear Technology LTC4449 Datasheet HTML 42Page - Linear Technology LTC4449 Datasheet HTML 43Page - Linear Technology LTC4449 Datasheet HTML 44Page - Linear Technology LTC4449 Datasheet HTML 45Page - Linear Technology LTC4449 Datasheet HTML 46Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 108 page
background image
LTC3882-1
42
Rev A
For more information www.analog.com
APPLICATIONS INFORMATION
Efficiency Considerations
Normally, one of the primary goals of any LTC3882-1 ap-
plication will be to obtain the highest practical conversion
efficiency. The efficiency of a switching regulator is equal
to the output power divided by the input power. It is often
useful to analyze individual losses to determine what is
limitingtheefficiencyandtoascertainwhichchangewould
producethemostimprovement.Balancingorlimitingthese
individual losses plays a dominant role in the component
selection process outlined over the next few sections.
Percent efficiency can be expressed as:
%Efficiency = 100% – (L1 + L2 + L3 + …)
where L1, L2, et al, are the individual losses as a percent-
age of input power: 100 • PLn /PIN.
Although all dissipative elements in the system produce
losses, four main sources usually account for most of
the losses in LTC3882-1 applications: IC supply current,
I2R losses, topside power MOSFET transition losses and
total gate drive current.
1. The LTC3882-1 IC supply current is a DC value given
in the Electrical Characteristics table. The absolute loss
created by the IC itself is approximately this current
timestheVCCsupplyvoltage.ICsupplycurrenttypically
results in a small loss (<0.1%).
2. I2R losses occur mainly in the DC resistances of the
MOSFET, inductor, PCB routing, and input and output
capacitor ESR. Since each MOSFET is only on for part
of the cycle, its on-resistance is effectively multiplied by
the percentage of the cycle it is on. Therefore the bot-
tom MOSFET should have a much lower on-resistance
RDS(ON) than the top MOSFET in high step-down ratio
applications. It is crucial that careful attention is paid
to the layout of the power path on the PCB to minimize
its resistance. In a 2-phase 1.2V system, 1mΩ of PCB
resistance at the output costs 5% in efficiency with the
output running at 60A.
3. Transition losses apply only to the topside MOSFET and
becomesignificantwhenoperatingathighinputvoltages
(typically above 12V). This loss can be minimized by
choosing a driver with very low drive resistance and a
MOSFET with low gate charge QG, gate resistance RG
andMillercapacitanceCMILLER.Absolutetransitionloss
can be estimated by:
PTRANS = (1.7) • VIN2 • IOUT • CMILLER • fPWM
4. Gate drive current is equal to the sum of the top and bot-
tomMOSFETgatechargesmultipliedbythefrequencyof
operation. These charges are based on the gate voltage
applied by the FET driver and can be determined from
manufacturer curves like the one shown in Figure 21
.
Many driver ICs employ asymmetrical gate voltages for
top and bottom FETs.
Other sources of loss include body or Schottky diode
conduction during the driver dependent non-overlap time
and inductor core losses. These latter categories generally
account for less than 2% total additional loss.
PWM Frequency and Inductor Selection
TheselectionofthePWMswitchingfrequencyisatrade-off
betweenefficiency,transientresponseandcomponentsize.
High frequency operation reduces the size of the inductor
and output capacitor as well as increasing the maximum
practical control loop bandwidth. However, efficiency is
generally lower due to increased transition and switch-
ing losses. The inductor value is related to the switching
frequency fPWM and step-down ratio. It should be selected
to meet choke ripple current requirements. The inductor
value can be calculated using the following equation:
L =
VOUT
f PWM • ΔIL
⎛
⎝⎜
⎞
⎠⎟
• 1–
VOUT
VIN
⎛
⎝⎜
⎞
⎠⎟
Allowing a larger value of choke ripple current (∆IL) leads
to smaller L, but results in greater core loss and higher
output voltage ripple for a given output capacitance and/
or ESR. A reasonable starting point for setting the ripple
current is 30% of the maximum output current.
The inductor saturation current rating needs to be higher
thanthepeakinductorcurrentduringtransientconditions.
If IOUT is the maximum rated load current, then the maxi-
mum transient current IMAX would normally be chosen to
be some factor greater than IOUT (e.g., 1.6 • IOUT).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com