Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89LPC913 Datasheet(PDF) 36 Page - NXP Semiconductors

Part # P89LPC913
Description  8-bit microcontrollers with two-clock 80C51 core 1 kB 3 V Flash with 128-byte RAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC913 Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button P89LPC913 Datasheet HTML 32Page - NXP Semiconductors P89LPC913 Datasheet HTML 33Page - NXP Semiconductors P89LPC913 Datasheet HTML 34Page - NXP Semiconductors P89LPC913 Datasheet HTML 35Page - NXP Semiconductors P89LPC913 Datasheet HTML 36Page - NXP Semiconductors P89LPC913 Datasheet HTML 37Page - NXP Semiconductors P89LPC913 Datasheet HTML 38Page - NXP Semiconductors P89LPC913 Datasheet HTML 39Page - NXP Semiconductors P89LPC913 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 63 page
background image
Philips Semiconductors
P89LPC912/913/914
8-bit microcontrollers with two-clock 80C51 core
Product data
Rev. 03 — 17 December 2004
36 of 63
9397 750 14468
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Reset can be triggered from the following sources:
• External reset pin (during power-up or if user configured via UCFG1. This option
must be used for an oscillator frequency above 12 MHz.)
• Power-on detect
• Brownout detect
• Watchdog Timer
• Software reset
• UART break character detect reset (P80LPC913, P89LPC914).
For every reset source, there is a flag in the Reset Register, RSTSRC. The user can
read this register to determine the most recent reset source. These flag bits can be
cleared in software by writing a ‘0’ to the corresponding bit. More than one flag bit
may be set:
• During a power-on reset, both POF and BOF are set but the other flag bits are
cleared.
• For any other reset, previously set flag bits that have not been cleared will remain
set.
9.15 Timers/counters 0 and 1
The P89LPC912/913/914 devices have two general purpose counter/timers which
are upward compatible with the standard 80C51 Timer 0 and Timer 1. An option to
automatically toggle the T0 pin upon timer overflow has been added (P89LPC912,
P89LPC914). In the ‘Timer’ function, the register is incremented every machine cycle.
In the ‘Counter’ function, the register of Timer 0 is incremented in response to a
1-to-0 transition at its external input pin, T0. This external input is sampled once very
machine cycle.
Timer 0 has four operating modes (modes 0, 1, 2, and 3) on the P89LPC913).
Timer 0 has five operating modes (modes 0, 1, 2, 3, and 6 on the P89LPC912 and
P89LPC914.
Timer 1 has four operating modes (modes 0, 1, 2, and 3) on all devices. Modes 0, 1,
and 2 are the same for both Timers/Counters. Mode 3 is different.
9.15.1
Mode 0
Putting either Timer into Mode 0 makes it look like an 8048 Timer, which is an 8-bit
Counter with a divide-by-32 prescaler. In this mode, the Timer register is configured
as a 13-bit register. Mode 0 operation is the same for Timer 0 and Timer 1.
9.15.2
Mode 1
Mode 1 is the same as Mode 0, except that all 16 bits of the timer register are used.
9.15.3
Mode 2
Mode 2 configures the Timer register as an 8-bit Counter with automatic reload.
Mode 2 operation is the same for Timer 0 and Timer 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com