Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89LPC913 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # P89LPC913
Description  8-bit microcontrollers with two-clock 80C51 core 1 kB 3 V Flash with 128-byte RAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC913 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button P89LPC913 Datasheet HTML 9Page - NXP Semiconductors P89LPC913 Datasheet HTML 10Page - NXP Semiconductors P89LPC913 Datasheet HTML 11Page - NXP Semiconductors P89LPC913 Datasheet HTML 12Page - NXP Semiconductors P89LPC913 Datasheet HTML 13Page - NXP Semiconductors P89LPC913 Datasheet HTML 14Page - NXP Semiconductors P89LPC913 Datasheet HTML 15Page - NXP Semiconductors P89LPC913 Datasheet HTML 16Page - NXP Semiconductors P89LPC913 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 63 page
background image
Philips Semiconductors
P89LPC912/913/914
8-bit microcontrollers with two-clock 80C51 core
Product data
Rev. 03 — 17 December 2004
13 of 63
9397 750 14468
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
P2.2 to P2.5
I/O
Port 2: Port 2 is a 4-bit I/O port with a user-configurable output type. During reset
Port 2 latches are configured in the input only mode with the internal pull-up
disabled. The operation of Port 2 pins as inputs and outputs depends upon the port
configuration selected. Each port pin is configured independently. Refer to Section
9.11.1 “Port configurations” and Table 13 “DC electrical characteristics” for details.
All pins have Schmitt triggered inputs.
Port 2 also provides various special functions as described below:
1
I/O
P2.2 — Port 2 bit 2.
I/O
MOSI — SPI master out slave in. When configured as master, this pin is output,
when configured as slave, this pin is input.
14
I/O
P2.3 — Port 2 bit 3.
I/O
MISO — SPI master in slave out. When configured as master, this pin is input,
when configured as slave, this pin is output.
8
I/O
P2.4 — Port 2 bit 4.
I
SS — SPI Slave select.
2
I/O
P2.5 — Port 2 bit 5.
I/O
SPICLK — SPI clock. When configured as master, this pin is output, when
configured as slave, this pin is input.
VSS
4I
Ground: 0 V reference.
VDD
10
I
Power Supply: This is the power supply voltage for normal operation as well as
Idle and Power-down modes.
Table 5:
P89LPC914 pin description…continued
Symbol
Pin
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com