Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89LPC913 Datasheet(PDF) 44 Page - NXP Semiconductors

Part # P89LPC913
Description  8-bit microcontrollers with two-clock 80C51 core 1 kB 3 V Flash with 128-byte RAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC913 Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button P89LPC913 Datasheet HTML 40Page - NXP Semiconductors P89LPC913 Datasheet HTML 41Page - NXP Semiconductors P89LPC913 Datasheet HTML 42Page - NXP Semiconductors P89LPC913 Datasheet HTML 43Page - NXP Semiconductors P89LPC913 Datasheet HTML 44Page - NXP Semiconductors P89LPC913 Datasheet HTML 45Page - NXP Semiconductors P89LPC913 Datasheet HTML 46Page - NXP Semiconductors P89LPC913 Datasheet HTML 47Page - NXP Semiconductors P89LPC913 Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 63 page
background image
Philips Semiconductors
P89LPC912/913/914
8-bit microcontrollers with two-clock 80C51 core
Product data
Rev. 03 — 17 December 2004
44 of 63
9397 750 14468
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
9.22 Comparator and power reduction modes
Either or both comparators may remain enabled when Power-down or Idle mode is
activated, but both comparators are disabled automatically in Total Power-down
mode.
If a comparator interrupt is enabled (except in Total Power-down mode), a change of
the comparator output state will generate an interrupt and wake up the processor. If
the comparator output to a pin is enabled, the pin should be configured in the
push-pull mode in order to obtain fast switching times while in Power-down mode.
The reason is that with the oscillator stopped, the temporary strong pull-up that
normally occurs during switching on a quasi-bidirectional port pin does not take
place.
Comparators consume power in Power-down and Idle modes, as well as in the
normal operating mode. This fact should be taken into account when system power
consumption is an issue. To minimize power consumption, the user can disable the
comparators via PCONA.5, or put the device in Total Power-down mode.
9.23 Keypad interrupt (KBI)
The Keypad Interrupt function is intended primarily to allow a single interrupt to be
generated when Port 0 is equal to or not equal to a certain pattern. This function can
be used for bus address recognition or keypad recognition. The user can configure
the port via SFRs for different tasks.
The Keypad Interrupt Mask Register (KBMASK) is used to define which input pins
connected to Port 0 can trigger the interrupt. The Keypad Pattern Register (KBPATN)
is used to define a pattern that is compared to the value of Port 0. The Keypad
Interrupt Flag (KBIF) in the Keypad Interrupt Control Register (KBCON) is set when
the condition is matched while the Keypad Interrupt function is active. An interrupt will
be generated if enabled. The PATN_SEL bit in the Keypad Interrupt Control Register
(KBCON) is used to define equal or not-equal for the comparison.
a.
CN1, OE1=00
b.
CN1, OE1 = 0 1
c.
CN1, OE1=10
d.
CN1, OE1 = 1 1
e.
CN2=0
f.
CN2=1
Fig 22. Comparator configurations.
CIN1A
CMPREF
002aaa490
CO1
CIN1A
CMPREF
002aaa491
CO1
CMP1
CIN1A
VREF (1.23 V)
002aaa492
CO1
CIN1A
VREF (1.23 V)
002aaa493
CO1
CMP1
CIN2A
CMPREF
002aaa494
CO2
CIN2A
VREF (1.23 V)
002aaa495
CO2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com