Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89LPC913 Datasheet(PDF) 33 Page - NXP Semiconductors

Part # P89LPC913
Description  8-bit microcontrollers with two-clock 80C51 core 1 kB 3 V Flash with 128-byte RAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC913 Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button P89LPC913 Datasheet HTML 29Page - NXP Semiconductors P89LPC913 Datasheet HTML 30Page - NXP Semiconductors P89LPC913 Datasheet HTML 31Page - NXP Semiconductors P89LPC913 Datasheet HTML 32Page - NXP Semiconductors P89LPC913 Datasheet HTML 33Page - NXP Semiconductors P89LPC913 Datasheet HTML 34Page - NXP Semiconductors P89LPC913 Datasheet HTML 35Page - NXP Semiconductors P89LPC913 Datasheet HTML 36Page - NXP Semiconductors P89LPC913 Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 63 page
background image
Philips Semiconductors
P89LPC912/913/914
8-bit microcontrollers with two-clock 80C51 core
Product data
Rev. 03 — 17 December 2004
33 of 63
9397 750 14468
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
A quasi-bidirectional port pin has a Schmitt-triggered input that also has a glitch
suppression circuit.
9.11.3
Open-drain output configuration
The open-drain output configuration turns off all pull-ups and only drives the
pull-down transistor of the port driver when the port latch contains a logic ‘0’. To be
used as a logic output, a port configured in this manner must have an external
pull-up, typically a resistor tied to VDD.
An open-drain port pin has a Schmitt-triggered input that also has a glitch
suppression circuit.
9.11.4
Input-only configuration
The input-only port configuration has no output drivers. It is a Schmitt-triggered input
that also has a glitch suppression circuit.
9.11.5
Push-pull output configuration
The push-pull output configuration has the same pull-down structure as both the
open-drain and the quasi-bidirectional output modes, but provides a continuous
strong pull-up when the port latch contains a logic ‘1’. The push-pull mode may be
used when more source current is needed from a port output. A push-pull port pin
has a Schmitt-triggered input that also has a glitch suppression circuit.
9.11.6
Port 0 analog functions
The P89LPC912/913/914 incorporates two Analog Comparators. In order to give the
best analog function performance and to minimize power consumption, pins that are
being used for analog functions must have the digital outputs and digital inputs
disabled.
Digital outputs are disabled by putting the port output into the Input-Only (high
impedance) mode as described in Section 9.11.4 “Input-only configuration”.
Digital inputs on Port 0 may be disabled through the use of the PT0AD register. On
any reset, the PT0AD bits default to ‘0’s to enable digital functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com