Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89LPC913 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # P89LPC913
Description  8-bit microcontrollers with two-clock 80C51 core 1 kB 3 V Flash with 128-byte RAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC913 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button P89LPC913 Datasheet HTML 8Page - NXP Semiconductors P89LPC913 Datasheet HTML 9Page - NXP Semiconductors P89LPC913 Datasheet HTML 10Page - NXP Semiconductors P89LPC913 Datasheet HTML 11Page - NXP Semiconductors P89LPC913 Datasheet HTML 12Page - NXP Semiconductors P89LPC913 Datasheet HTML 13Page - NXP Semiconductors P89LPC913 Datasheet HTML 14Page - NXP Semiconductors P89LPC913 Datasheet HTML 15Page - NXP Semiconductors P89LPC913 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 63 page
background image
Philips Semiconductors
P89LPC912/913/914
8-bit microcontrollers with two-clock 80C51 core
Product data
Rev. 03 — 17 December 2004
12 of 63
9397 750 14468
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Table 5:
P89LPC914 pin description
Symbol
Pin
Type
Description
P0.2,
P0.4 to P0.6
I/O
Port 0: Port 0 is a 4-bit I/O port with a user-configurable output type. During reset
Port 0 latches are configured in the input only mode with the internal pull-up
disabled. The operation of Port 0 pins as inputs and outputs depends upon the port
configuration selected. Each port pin is configured independently. Refer to Section
9.11.1 “Port configurations” and Table 13 “DC electrical characteristics” for details.
The Keypad Interrupt feature operates with Port 0 pins.
All pins have Schmitt triggered inputs.
Port 0 also provides various special functions as described below:
13
I/O
P0.2 — Port 0 bit 2.
I
CIN2A — Comparator 2 positive input A.
I
KBI2 — Keyboard input 2.
12
I/O
P0.4 — Port 0 bit 4.
I
CIN1A — Comparator 1 positive input A.
I
KBI4 — Keyboard input 4.
11
I/O
P0.5 — Port 0 bit 5.
I
CMPREF — Comparator reference (negative) input.
I
KBI5 — Keyboard input 5.
5
I/O
P0.6 — Port 0 bit 6.
O
CMP1 — Comparator 1 output.
I
KBI6 — Keyboard input 6.
P1.0 to P1.2,
P1.5
I/O
(P1.0 to
P1.2);
I (P1.5)
Port 1: Port 1 is a 4-bit I/O port with a user-configurable output type, except for
three pins noted below. During reset Port 1 latches are configured in the input only
mode with the internal pull-up disabled. The operation of the configurable Port 1
pins as inputs and outputs depends upon the port configuration selected. Each of
the configurable port pins are programmed independently. Refer to Section 9.11.1
“Port configurations” and Table 13 “DC electrical characteristics” for details. P1.2 is
an open drain when used as an output. P1.5 is input only.
All pins have Schmitt triggered inputs.
Port 1 also provides various special functions as described below:
9
I/O
P1.0 — Port 1 bit 0.
O
TxD — Transmitter output for the serial port.
6
I/O
P1.1 — Port 1 bit 1.
I
RxD — Receiver input for the serial port.
7
I/O
P1.2 — Port 1 bit 2. (Open drain when used as an output.)
I/O
T0 — Timer/counter 0 external count input or overflow output. (Open drain when
used as outputs.)
3I
P1.5 — Port 1 bit 5 (input only).
I
RST — External Reset input during Power-on or if selected via UCFG1. When
functioning as a reset input, a LOW on this pin resets the microcontroller, causing
I/O ports and peripherals to take on their default states, and the processor begins
execution at address 0. Also used during a power-on sequence to force In-System
Programming mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com