Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89LPC913 Datasheet(PDF) 53 Page - NXP Semiconductors

Part # P89LPC913
Description  8-bit microcontrollers with two-clock 80C51 core 1 kB 3 V Flash with 128-byte RAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC913 Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button P89LPC913 Datasheet HTML 49Page - NXP Semiconductors P89LPC913 Datasheet HTML 50Page - NXP Semiconductors P89LPC913 Datasheet HTML 51Page - NXP Semiconductors P89LPC913 Datasheet HTML 52Page - NXP Semiconductors P89LPC913 Datasheet HTML 53Page - NXP Semiconductors P89LPC913 Datasheet HTML 54Page - NXP Semiconductors P89LPC913 Datasheet HTML 55Page - NXP Semiconductors P89LPC913 Datasheet HTML 56Page - NXP Semiconductors P89LPC913 Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 63 page
background image
Philips Semiconductors
P89LPC912/913/914
8-bit microcontrollers with two-clock 80C51 core
Product data
Rev. 03 — 17 December 2004
53 of 63
9397 750 14468
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
[1]
Parameters are valid over operating temperature range unless otherwise specified. Parts are tested to 2 MHz, but are guaranteed to
operate down to 0 Hz.
tSPIR
Rise time
see Figure 24,
25, 26, 27
SPI outputs (SPICLK, MOSI,
MISO)
-
100
-
100
ns
SPI inputs (SPICLK, MOSI,
MISO, SS)
-
2000
-
2000
ns
tSPIF
Fall time
see Figure 24,
25, 26, 27
SPI outputs (SPICLK, MOSI,
MISO)
-
100
-
100
ns
SPI inputs (SPICLK, MOSI,
MISO, SS)
-
2000
-
2000
ns
Table 14:
AC characteristics…continued
VDD = 2.4 V to 3.6 V, unless otherwise specified.
Tamb = −40 °Cto+85 °C for industrial, unless otherwise specified.[1]
Symbol
Parameter
Conditions
Variable clock
fosc =12MHz
Unit
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com