Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89LPC913 Datasheet(PDF) 43 Page - NXP Semiconductors

Part # P89LPC913
Description  8-bit microcontrollers with two-clock 80C51 core 1 kB 3 V Flash with 128-byte RAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC913 Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button P89LPC913 Datasheet HTML 39Page - NXP Semiconductors P89LPC913 Datasheet HTML 40Page - NXP Semiconductors P89LPC913 Datasheet HTML 41Page - NXP Semiconductors P89LPC913 Datasheet HTML 42Page - NXP Semiconductors P89LPC913 Datasheet HTML 43Page - NXP Semiconductors P89LPC913 Datasheet HTML 44Page - NXP Semiconductors P89LPC913 Datasheet HTML 45Page - NXP Semiconductors P89LPC913 Datasheet HTML 46Page - NXP Semiconductors P89LPC913 Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 63 page
background image
Philips Semiconductors
P89LPC912/913/914
8-bit microcontrollers with two-clock 80C51 core
Product data
Rev. 03 — 17 December 2004
43 of 63
9397 750 14468
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
9.19 Analog comparators
Two analog comparators are provided on the P89LPC912/913/914. Input and output
options allow use of the comparators in a number of different configurations.
Comparator operation is such that the output is a logical ‘1’ when the positive input is
greater than the negative input (selectable from a pin or an internal reference
voltage). Otherwise the output is a zero. Each comparator may be configured to
cause an interrupt when the output value changes. Comparator 1 may be output to a
port pin.
The overall connections to both comparators are shown in Figure 21. The
comparators function to VDD = 2.4 V.
When each comparator is first enabled, the comparator output and interrupt flag are
not guaranteed to be stable for 10 microseconds. The corresponding comparator
interrupt should not be enabled during that time, and the comparator interrupt flag
must be cleared before the interrupt is enabled in order to prevent an immediate
interrupt service.
9.20 Internal reference voltage
An internal reference voltage generator may supply a default reference when a single
comparator input pin is used. The value of the internal reference voltage, referred to
as VREF, is 1.23 V ±10 %.
9.21 Comparator interrupt
Each comparator has an interrupt flag contained in its configuration register. This flag
is set whenever the comparator output changes state. The flag may be polled by
software or may be used to generate an interrupt. The two comparators use one
common interrupt vector. If both comparators enable interrupts, after entering the
interrupt service routine, the user needs to read the flags to determine which
comparator caused the interrupt.
Possible comparator configurations are shown in Figure 22.
Fig 21. Comparator input and output connections.
Comparator 1
CN1
(P0.4) CIN1A
(P0.5) CMPREF
VREF
OE1
Change Detect
CO1
CMF1
Interrupt
002aaa496
CMP1 (P0.6)
EC
Change Detect
CMF2
Comparator 2
CN2
(P0.2) CIN2A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com