Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89LPC913 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # P89LPC913
Description  8-bit microcontrollers with two-clock 80C51 core 1 kB 3 V Flash with 128-byte RAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC913 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button P89LPC913 Datasheet HTML 16Page - NXP Semiconductors P89LPC913 Datasheet HTML 17Page - NXP Semiconductors P89LPC913 Datasheet HTML 18Page - NXP Semiconductors P89LPC913 Datasheet HTML 19Page - NXP Semiconductors P89LPC913 Datasheet HTML 20Page - NXP Semiconductors P89LPC913 Datasheet HTML 21Page - NXP Semiconductors P89LPC913 Datasheet HTML 22Page - NXP Semiconductors P89LPC913 Datasheet HTML 23Page - NXP Semiconductors P89LPC913 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 63 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx
xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
Bit address
FF
FE
FD
FC
FB
FA
F9
F8
IP1*
Interrupt priority 1
F8H
-
PST
-
-
PSPI
PC
PKBI
-
00[1]
00x00000
IP1H
Interrupt priority 1 high
F7H
-
PSTH
-
-
PSPIH
PCH
PKBIH
-
00[1]
00x00000
KBCON
Keypad control register
94H
-
-
-
-
-
-
PATN
_SEL
KBIF
00[1]
xxxxxx00
KBMASK
Keypad interrupt mask register
86H
00
00000000
KBPATN
Keypad pattern register
93H
FF
11111111
Bit address
87
86
85
84
83
82
81
80
P0*
Port 0
80H
CMP1/
KB6
CMPREF/
KB5
CIN1A/
KB4
CIN2A/
KB2
[1]
Bit address
97
96
95
94
93
92
91
90
P1*
Port 1
90H
RST
RxD
TxD
[1]
Bit address
A7
A6
A5
A4
A3
A2
A1
A0
P2*
Port 2
A0H
SPICLK
MISO
MOSI
[1]
Bit address
B7
B6
B5
B4
B3
B2
B1
B0
P3*
Port 3
B0H
XTAL1
XTAL2
[1]
P0M1
Port 0 output mode 1
84H
(P0M1.6)
(P0M1.5)
(P0M1.4)
(P0M1.2)
FF
11111111
P0M2
Port 0 output mode 2
85H
(P0M2.6)
(P0M2.5)
(P0M2.4)
(P0M2.2)
00
00000000
P1M1
Port 1 output mode 1
91H
(P1M1.1) (P1M1.0) D3[1]
11x1xx11
P1M2
Port 1 output mode 2
92H
(P1M2.1) (P1M2.0) 00[1]
00x0xx00
P2M1
Port 2 output mode 1
A4H
(P2M1.5)
(P2M1.3) (P2M1.2)
FF
11111111
P2M2
Port 2 output mode 2
A5H
(P2M2.5)
(P2M2.3) (P2M2.2)
00
00000000
P3M1
Port 3 output mode 1
B1H
(P3M1.1) (P3M1.0) 03[1]
xxxxxx11
P3M2
Port 3 output mode 2
B2H
(P3M2.1) (P3M2.0) 00[1]
xxxxxx00
PCON
Power control register
87H
SMOD1
SMOD0
BOPD
BOI
GF1
GF0
PMOD1
PMOD0
00
00000000
PCONA
Power control register A
B5H
RTCPD
-
VCPD
-
-
SPPD
SPD
-
00[1]
00000000
Table 8:
P89LPC913 Special function registers…continued
* indicates SFRs that are bit addressable.
Name
Description
SFR
addr.
Bit functions and addresses
Reset value
MSB
LSB
Hex
Binary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com