Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89LPC913 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # P89LPC913
Description  8-bit microcontrollers with two-clock 80C51 core 1 kB 3 V Flash with 128-byte RAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC913 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button P89LPC913 Datasheet HTML 15Page - NXP Semiconductors P89LPC913 Datasheet HTML 16Page - NXP Semiconductors P89LPC913 Datasheet HTML 17Page - NXP Semiconductors P89LPC913 Datasheet HTML 18Page - NXP Semiconductors P89LPC913 Datasheet HTML 19Page - NXP Semiconductors P89LPC913 Datasheet HTML 20Page - NXP Semiconductors P89LPC913 Datasheet HTML 21Page - NXP Semiconductors P89LPC913 Datasheet HTML 22Page - NXP Semiconductors P89LPC913 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 63 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx
xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
Table 8:
P89LPC913 Special function registers
* indicates SFRs that are bit addressable.
Name
Description
SFR
addr.
Bit functions and addresses
Reset value
MSB
LSB
Hex
Binary
Bit address
E7
E6
E5
E4
E3
E2
E1
E0
ACC*
Accumulator
E0H
00
00000000
AUXR1
Auxiliary function register
A2H
CLKLP
EBRR
-
-
SRST
0
-
DPS
00[1]
000000x0
Bit address
F7
F6
F5
F4
F3
F2
F1
F0
B*
B register
F0H
00
00000000
BRGR0[2]
Baud rate generator rate low
BEH
00
00000000
BRGR1[2]
Baud rate generator rate high
BFH
00
00000000
BRGCON
Baud rate generator control
BDH
-
-
-
-
-
-
SBRGS
BRGEN
00[6]
xxxxxx00
CMP1
Comparator 1 control register
ACH
-
-
CE1
-
CN1
OE1
CO1
CMF1
00[1]
xx000000
CMP2
Comparator 2 control register
ADH
-
-
CE2
-
CN2
-
-
CMF2
00[1]
xx000000
DIVM
CPU clock divide-by-M control
95H
00
00000000
DPTR
Data pointer (2 bytes)
DPH
Data pointer high
83H
00
00000000
DPL
Data pointer low
82H
00
00000000
FMADRH
Program Flash address high
E7H
-
-
-
-
-
-
00
00000000
FMADRL
Program Flash address low
E6H
00
00000000
FMCON
Program Flash Control (Read)
E4H
BUSY
-
-
-
HVA
HVE
SV
OI
70
01110000
Program Flash Control (Write)
FMCMD.
7
FMCMD.
6
FMCMD.5 FMCMD.
4
FMCMD.
3
FMCMD.
2
FMCMD.
1
FMCMD.
0
FMDATA
Program Flash data
E5H
00
00000000
Bit address
AF
AE
AD
AC
AB
AA
A9
A8
IEN0*
Interrupt enable 0
A8H
EA
EWDRT
EBO
ES/ESR
ET1
-
ET0
-
00
00000000
Bit address
EF
EE
ED
EC
EB
EA
E9
E8
IEN1*
Interrupt enable 1
E8H
-
EST
-
-
ESPI
EC
EKBI
-
00[1]
00x00000
Bit address
BF
BE
BD
BC
BB
BA
B9
B8
IP0*
Interrupt priority 0
B8H
-
PWDRT
PBO
PS/PSR
PT1
-
PT0
-
00[1]
x0000000
IP0H
Interrupt priority 0 high
B7H
-
PWDRTH
PBOH
PSH/
PSRH
PT1H
-
PT0H
-
00[1]
x0000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com