Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89LPC913 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # P89LPC913
Description  8-bit microcontrollers with two-clock 80C51 core 1 kB 3 V Flash with 128-byte RAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC913 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button P89LPC913 Datasheet HTML 4Page - NXP Semiconductors P89LPC913 Datasheet HTML 5Page - NXP Semiconductors P89LPC913 Datasheet HTML 6Page - NXP Semiconductors P89LPC913 Datasheet HTML 7Page - NXP Semiconductors P89LPC913 Datasheet HTML 8Page - NXP Semiconductors P89LPC913 Datasheet HTML 9Page - NXP Semiconductors P89LPC913 Datasheet HTML 10Page - NXP Semiconductors P89LPC913 Datasheet HTML 11Page - NXP Semiconductors P89LPC913 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 63 page
background image
Philips Semiconductors
P89LPC912/913/914
8-bit microcontrollers with two-clock 80C51 core
Product data
Rev. 03 — 17 December 2004
8 of 63
9397 750 14468
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
6.2 Pin description
Table 3:
P89LPC912 pin description
Symbol
Pin
Type
Description
P0.2, P0.4 to
P0.6
I/O
Port 0: Port 0 is a 4-bit I/O port with a user-configurable output type. During reset
Port 0 latches are configured in the input only mode with the internal pull-up disabled.
The operation of Port 0 pins as inputs and outputs depends upon the port
configuration selected. Each port pin is configured independently. Refer to Section
9.11.1 “Port configurations” and Table 13 “DC electrical characteristics” for details.
The Keypad Interrupt feature operates with Port 0 pins.
All pins have Schmitt triggered inputs.
Port 0 also provides various special functions as described below:
13
I/O
P0.2 — Port 0 bit 2.
I
CIN2A — Comparator 2 positive input A.
I
KBI2 — Keyboard input 2.
12
I/O
P0.4 — Port 0 bit 4.
I
CIN1A — Comparator 1 positive input A.
I
KBI4 — Keyboard input 4.
11
I/O
P0.5 — Port 0 bit 5.
I
CMPREF — Comparator reference (negative) input.
I
KBI5 — Keyboard input 5.
5
I/O
P0.6 — Port 0 bit 6.
O
CMP1 — Comparator 1 output.
I
KBI6 — Keyboard input 6.
P1.2, P1.5
I/O
(P1.2);
I (P1.5)
Port 1: Port 1 is a 2-bit I/O port with P1.2 having a user-configurable output type as
noted below. During reset Port 1 latches are configured in the input only mode with
the internal pull-up disabled. The operation of the P1.2 input and outputs depends
upon the port configuration selected. Refer to Section 9.11.1 “Port configurations” and
Table 13 “DC electrical characteristics” for details. P1.2 is an open drain when used as
an output. P1.5 is input only.
All pins have Schmitt triggered inputs.
Port 1 also provides various special functions as described below:
6
I/O
P1.2 — Port 1 bit 2. (Open drain when used as an output.)
I/O
T0 — Timer/counter 0 external count input or overflow output. (Open drain when used
as outputs.).
3I
P1.5 — Port 1 bit 5. (Input only.)
I
RST — External Reset input during power-on or if selected via UCFG1. When
functioning as a reset input a LOW on this pin resets the microcontroller, causing I/O
ports and peripherals to take on their default states, and the processor begins
execution at address 0. Also used during a power-on sequence to force In-System
Programming mode. When using an oscillator frequency above 12 MHz, the reset
input function of P1.5 must be enabled. An external circuit is required to hold
the device in reset at power-up until VDD has reached its specified level. When
system power is removed VDD will fall below the minimum specified operating
voltage. When using an oscillator frequency above 12 MHz, in some
applications, an external brownout detect circuit may be required to hold the
device in reset when VDD falls below the minimum specified operating voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com