Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89LPC913 Datasheet(PDF) 46 Page - NXP Semiconductors

Part # P89LPC913
Description  8-bit microcontrollers with two-clock 80C51 core 1 kB 3 V Flash with 128-byte RAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC913 Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button P89LPC913 Datasheet HTML 42Page - NXP Semiconductors P89LPC913 Datasheet HTML 43Page - NXP Semiconductors P89LPC913 Datasheet HTML 44Page - NXP Semiconductors P89LPC913 Datasheet HTML 45Page - NXP Semiconductors P89LPC913 Datasheet HTML 46Page - NXP Semiconductors P89LPC913 Datasheet HTML 47Page - NXP Semiconductors P89LPC913 Datasheet HTML 48Page - NXP Semiconductors P89LPC913 Datasheet HTML 49Page - NXP Semiconductors P89LPC913 Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 63 page
background image
Philips Semiconductors
P89LPC912/913/914
8-bit microcontrollers with two-clock 80C51 core
Product data
Rev. 03 — 17 December 2004
46 of 63
9397 750 14468
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
9.25 Additional features
9.25.1
Software reset
The SRST bit in AUXR1 gives software the opportunity to reset the processor
completely, as if an external reset or watchdog reset had occurred. Care should be
taken when writing to AUXR1 to avoid accidental software resets.
9.25.2
Dual data pointers
The dual Data Pointers (DPTR) provides two different Data Pointers to specify the
address used with certain instructions. The DPS bit in the AUXR1 register selects
one of the two Data Pointers. Bit 2 of AUXR1 is permanently wired as a logic ‘0’ so
that the DPS bit may be toggled (thereby switching Data Pointers) simply by
incrementing the AUXR1 register, without the possibility of inadvertently altering other
bits in the register.
9.26 Flash program memory
9.26.1
General description
The P89LPC912/913/914 Flash memory provides in-circuit electrical erasure and
programming. The Flash can be erased, read, and written as bytes. The Sector and
Page Erase functions can erase any Flash sector (256 bytes) or page (16 bytes). The
Chip Erase operation will erase the entire program memory. In-Circuit Programming
using standard commercial programmers is available. In addition, In-Application
Programming (IAP) and byte erase allows code memory to be used for non-volatile
data storage. On-chip erase and write timing generation contribute to a user-friendly
programming interface. The P89LPC912/913/914 Flash reliably stores memory
contents even after 100,000 erase and program cycles. The cell is designed to
optimize the erase and programming mechanisms. The P89LPC912/913/914 uses
VDD as the supply voltage to perform the Program/Erase algorithms.
9.26.2
Features
• Programming and erase over the full operating voltage range.
• Byte-erase allowing code memory to be used for data storage.
• Read/Programming/Erase using ICP.
• Any flash program/erase operation in 2 ms.
• Programming with industry-standard commercial programmers.
• Programmable security for the code in the Flash for each sector.
• More than 100,000 minimum erase/program cycles for each byte.
• 10-year minimum data retention.
9.26.3
Flash organization
The P89LPC912/913/914 program memory consists of four 256 byte sectors. Each
sector can be further divided into 16-byte pages. In addition to sector erase, page
erase, and byte erase, a 16-byte page register is included which allows from
1 to 16 bytes of a given page to be programmed at the same time, substantially
reducing overall programming time. In addition, erasing and reprogramming of
user-programmable configuration bytes including UCFG1, the Boot Status Bit, and
the Boot Vector is supported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com