Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89LPC913 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # P89LPC913
Description  8-bit microcontrollers with two-clock 80C51 core 1 kB 3 V Flash with 128-byte RAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC913 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button P89LPC913 Datasheet HTML 23Page - NXP Semiconductors P89LPC913 Datasheet HTML 24Page - NXP Semiconductors P89LPC913 Datasheet HTML 25Page - NXP Semiconductors P89LPC913 Datasheet HTML 26Page - NXP Semiconductors P89LPC913 Datasheet HTML 27Page - NXP Semiconductors P89LPC913 Datasheet HTML 28Page - NXP Semiconductors P89LPC913 Datasheet HTML 29Page - NXP Semiconductors P89LPC913 Datasheet HTML 30Page - NXP Semiconductors P89LPC913 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 63 page
background image
Philips Semiconductors
P89LPC912/913/914
8-bit microcontrollers with two-clock 80C51 core
Product data
Rev. 03 — 17 December 2004
27 of 63
9397 750 14468
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
reached its specified level. When system power is removed VDD will fall below
the minimum specified operating voltage. When using an oscillator frequency
above 12 MHz, in some applications, an external brownout detect circuit may
be required to hold the device in reset when VDD falls below the minimum
specified operating voltage.
9.2.6
Clock output (P89LPC912, P89LPC913)
The P89LPC912 supports a user selectable clock output function on the
XTAL2/CLKOUT pin when crystal oscillator is not being used. This condition occurs if
another clock source has been selected (on-chip RC oscillator, Watchdog oscillator,
external clock input on X1) and if the Real-Time clock is not using the crystal
oscillator as its clock source. This allows external devices to synchronize to the
P89LPC912. This output is enabled by the ENCLK bit in the TRIM register. The
frequency of this clock output is 1
⁄2 that of the CCLK. If the clock output is not needed
in Idle mode, it may be turned off prior to entering Idle, saving additional power.
9.3 On-chip RC oscillator option
The P89LPC912/913/914 has a 6-bit TRIM register that can be used to tune the
frequency of the RC oscillator. During reset, the TRIM value is initialized to a factory
pre-programmed value to adjust the oscillator frequency to 7.373 MHz,
±2.5 %.
End-user applications can write to the TRIM register to adjust the on-chip RC
oscillator to other frequencies.
9.4 Watchdog oscillator option
The Watchdog has a separate oscillator which has a frequency of 400 kHz. This
oscillator can be used to save power when a high clock frequency is not needed.
9.5 External clock input option (P89LPC912, P89LPC913)
In this configuration, the processor clock is derived from an external source driving
the XTAL1/P3.1 pin. The rate may be from 0 Hz up to 12 MHz. The XTAL2/P3.0 pin
may be used as a standard port pin or a clock output. When using an oscillator
frequency above 12 MHz, the reset input function of P1.5 must be enabled. An
external circuit is required to hold the device in reset at power-up until VDD has
reached its specified level. When system power is removed VDD will fall below
the minimum specified operating voltage. When using an oscillator frequency
above 12 MHz, in some applications, an external brownout detect circuit may
be required to hold the device in reset when VDD falls below the minimum
specified operating voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com