Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89LPC913 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # P89LPC913
Description  8-bit microcontrollers with two-clock 80C51 core 1 kB 3 V Flash with 128-byte RAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC913 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button P89LPC913 Datasheet HTML 45Page - NXP Semiconductors P89LPC913 Datasheet HTML 46Page - NXP Semiconductors P89LPC913 Datasheet HTML 47Page - NXP Semiconductors P89LPC913 Datasheet HTML 48Page - NXP Semiconductors P89LPC913 Datasheet HTML 49Page - NXP Semiconductors P89LPC913 Datasheet HTML 50Page - NXP Semiconductors P89LPC913 Datasheet HTML 51Page - NXP Semiconductors P89LPC913 Datasheet HTML 52Page - NXP Semiconductors P89LPC913 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 63 page
background image
Philips Semiconductors
P89LPC912/913/914
8-bit microcontrollers with two-clock 80C51 core
Product data
Rev. 03 — 17 December 2004
49 of 63
9397 750 14468
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
11. Static characteristics
Table 13:
DC electrical characteristics
VDD = 2.4 V to 3.6 V, unless otherwise specified.
Tamb = −40 °Cto+85 °C for industrial, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
IDD(oper)
power supply current,
operating (P89LPC912,
P89LPC913)
3.6 V; 12 MHz
[2] -
7
13
mA
3.6 V; 18 MHz
[2] -11
16
mA
IDD(idle)
power supply current, Idle
mode (P89LPC912,
P89LPC913)
3.6 V; 12 MHz
[2] -
1.5
5.6
mA
3.6 V; 18 MHz
[2] -4
6
mA
IDD(oper)
power supply current,
operating (P89LPC914)
3.6 V; 7.373 MHz
[3] -4
8
mA
IDD(idle)
power supply current, Idle
mode (P89LPC914)
3.6 V; 7.373 MHz
[3] -1
3
mA
IDD(PD)
Power supply current,
Power-down mode, voltage
comparators powered-down
3.6 V
[2][3] --
70
µA
IDD(TPD)
Power supply current, Total
Power-down mode
3.6 V
[2][3] -1
5
µA
(dVDD/dt)r VDD rise rate
-
-
2
mV/
µs
(dVDD/dt)f VDD fall rate
-
-
50
mV/
µs
VRAM
RAM keep-alive voltage
1.5
-
-
V
Vth(HL)
negative-going threshold
voltage (Schmitt input)
0.22VDD
0.4VDD
-V
Vth(LH)
positive-going threshold
voltage (Schmitt input)
-
0.6VDD
0.7VDD
V
Vhys
hysteresis voltage
-
0.2VDD
-V
VOL
LOW-level output voltage,
all ports
IOL = 20 mA
-
0.6
1.0
V
IOL = 10 mA
-
0.3
0.5
V
IOL = 3.2 mA
-
0.2
0.3
V
VOH
HIGH-level output voltage,
all ports
IOH = −8 mA;
push-pull mode
VDD − 1.0
-
-
V
IOH = −3.2 mA;
push-pull mode
VDD − 0.7
VDD − 0.4
-
V
IOH = −20 µA;
quasi-bidirectional mode
VDD − 0.3
VDD − 0.2
-
V
Cig
input/output pin capacitance
[4] -
-
15
pF
IIL
logical 0 input current,
all ports
VIN = 0.4 V
[5] --
−80
µA
ILI
input leakage current, all ports VIN =VIL or VIH
[6] --
±10
µA
ITL
logical 1-to-0 transition
current, all ports
VIN = 2.0 V at
VDD = 3.6 V
[7][8]
−30
-
−450
µA
RRST
internal reset pull-up resistor
10
-
30
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com