Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89LPC913 Datasheet(PDF) 58 Page - NXP Semiconductors

Part # P89LPC913
Description  8-bit microcontrollers with two-clock 80C51 core 1 kB 3 V Flash with 128-byte RAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC913 Datasheet(HTML) 58 Page - NXP Semiconductors

Back Button P89LPC913 Datasheet HTML 54Page - NXP Semiconductors P89LPC913 Datasheet HTML 55Page - NXP Semiconductors P89LPC913 Datasheet HTML 56Page - NXP Semiconductors P89LPC913 Datasheet HTML 57Page - NXP Semiconductors P89LPC913 Datasheet HTML 58Page - NXP Semiconductors P89LPC913 Datasheet HTML 59Page - NXP Semiconductors P89LPC913 Datasheet HTML 60Page - NXP Semiconductors P89LPC913 Datasheet HTML 61Page - NXP Semiconductors P89LPC913 Datasheet HTML 62Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 63 page
background image
Philips Semiconductors
P89LPC912/913/914
8-bit microcontrollers with two-clock 80C51 core
Product data
Rev. 03 — 17 December 2004
58 of 63
9397 750 14468
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Fig 27. SPI slave timing (CPHA = 1).
tCLCL
tSPICLKH
tSPICLKL
tSPILEAD
tSPICLKH
tSPICLKL
tSPILAG
tSPIDSU
tSPIDH
tSPIDH
tSPIDSU
tSPIR
tSPIA
tSPIOH
tSPIDIS
tSPIR
Slave MSB/LSB out
Not defined
MSB/LSB in
LSB/MSB in
Slave LSB/MSB out
tSPIDV
tSPIOH
tSPIDV
tSPIOH
tSPIDV
tSPIR
tSPIF
tSPIR
tSPIF
SS
SPICLK
(CPOL = 0)
(input)
002aaa159
SPICLK
(CPOL = 1)
(input)
MISO
(output)
MOSI
(input)
tSPIDSU
Fig 28. Shift register mode timing.
0
1
23
45
6
7
Valid
Valid
Valid
Valid
Valid
Valid
Valid
Valid
tXLXL
002aaa425
Set TI
Set RI
tXHQX
tQVXH
tXHDV
tXHDX
Clock
Output Data
Write to SBUF
Input Data
Clear RI
Fig 29. External clock timing.
tCHCL
tCLCX
tCHCX
tC
tCLCH
002aaa416
0.2 VDD + 0.9
0.2 VDD - 0.1 V
VDD - 0.5 V
0.45 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com