Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC47M192 Datasheet(PDF) 98 Page - SMSC Corporation

Part # LPC47M192
Description  LPC SUPER I/O WITH HARDWARE MONITORING BLOCK
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M192 Datasheet(HTML) 98 Page - SMSC Corporation

Back Button LPC47M192 Datasheet HTML 94Page - SMSC Corporation LPC47M192 Datasheet HTML 95Page - SMSC Corporation LPC47M192 Datasheet HTML 96Page - SMSC Corporation LPC47M192 Datasheet HTML 97Page - SMSC Corporation LPC47M192 Datasheet HTML 98Page - SMSC Corporation LPC47M192 Datasheet HTML 99Page - SMSC Corporation LPC47M192 Datasheet HTML 100Page - SMSC Corporation LPC47M192 Datasheet HTML 101Page - SMSC Corporation LPC47M192 Datasheet HTML 102Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 228 page
background image
SMSC DS – LPC47M192
Page 98
Rev. 03/30/05
DATASHEET
Note: A threshold of 16 is equivalent to a threshold of 15. These two cases are treated the same.
Programmed I/O - Transfers from the FIFO to the Host
In the reverse direction an interrupt occurs when serviceIntr is 0 and readIntrThreshold bytes are available in the
FIFO. If at this time the FIFO is full it can be emptied completely in a single burst, otherwise readIntrThreshold bytes
may be read from the FIFO in a single burst.
readIntrThreshold =(16-<threshold>) data bytes in FIFO
An interrupt is generated when serviceIntr is 0 and the number of bytes in the FIFO is greater than or equal to (16-
<threshold>). (If the threshold = 12, then the interrupt is set whenever there are 4-16 bytes in the FIFO). The host
must respond to the request by reading data from the FIFO. This process is repeated until the last byte is transferred
out of the FIFO. If at this time the FIFO is full, it can be completely emptied in a single burst, otherwise a minimum of
(16-<threshold>) bytes may be read from the FIFO in a single burst.
Programmed I/O - Transfers from the Host to the FIFO
In the forward direction an interrupt occurs when serviceIntr is 0 and there are writeIntrThreshold or more bytes free
in the FIFO. At this time if the FIFO is empty it can be filled with a single burst before the empty bit needs to be
re-read. Otherwise it may be filled with writeIntrThreshold bytes.
writeIntrThreshold
=
(16-<threshold>) free bytes in FIFO
An interrupt is generated when serviceIntr is 0 and the number of bytes in the FIFO is less than or equal to
<threshold>. (If the threshold = 12, then the interrupt is set whenever there are 12 or less bytes of data in the FIFO.)
The host must respond to the request by writing data to the FIFO. If at this time the FIFO is empty, it can be
completely filled in a single burst, otherwise a minimum of (16-<threshold>) bytes may be written to the FIFO in a
single burst. This process is repeated until the last byte is transferred into the FIFO.
7.9
POWER MANAGEMENT
Power management capabilities are provided for the following logical devices: floppy disk, UART 1, UART 2 and the
parallel port. For each logical device, two types of power management are provided: direct powerdown and auto
powerdown.
FDC Power Management
Direct power management is controlled by CR22. Refer to CR22 for more information.
Auto Power Management is enabled by CR23-B0. When set, this bit allows FDC to enter powerdown when all of the
following conditions have been met:
1.
The motor enable pins of register 3F2H are inactive (zero).
2.
The part must be idle; MSR=80H and INT = 0 (INT may be high even if MSR = 80H due to polling interrupts).
3.
The head unload timer must have expired.
4.
The Auto powerdown timer (10msec) must have timed out.
An internal timer is initiated as soon as the auto powerdown command is enabled. The part is then powered down
when all the conditions are met.
Disabling the auto powerdown mode cancels the timer and holds the FDC block out of auto powerdown.
Note: At least 8us delay should be added when exiting FDC Auto Powerdown mode. If the operating
environment is such that this delay cannot be guaranteed, the auto powerdown mode should not be used
and Direct powerdown mode should be used instead. The Direct powerdown mode requires at least 8us
delay at 250K bits/sec configuration and 4us delay at 500K bits/sec. The delay should be added so that the
internal microcontroller can prepare itself to accept commands.
DSR From Powerdown
If DSR powerdown is used when the part is in auto powerdown, the DSR powerdown will override the auto
powerdown. However, when the part is awakened from DSR powerdown, the auto powerdown will once again
become effective.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com