Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC47M192 Datasheet(PDF) 62 Page - SMSC Corporation

Part # LPC47M192
Description  LPC SUPER I/O WITH HARDWARE MONITORING BLOCK
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M192 Datasheet(HTML) 62 Page - SMSC Corporation

Back Button LPC47M192 Datasheet HTML 58Page - SMSC Corporation LPC47M192 Datasheet HTML 59Page - SMSC Corporation LPC47M192 Datasheet HTML 60Page - SMSC Corporation LPC47M192 Datasheet HTML 61Page - SMSC Corporation LPC47M192 Datasheet HTML 62Page - SMSC Corporation LPC47M192 Datasheet HTML 63Page - SMSC Corporation LPC47M192 Datasheet HTML 64Page - SMSC Corporation LPC47M192 Datasheet HTML 65Page - SMSC Corporation LPC47M192 Datasheet HTML 66Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 228 page
background image
SMSC DS – LPC47M192
Page 62
Rev. 03/30/05
DATASHEET
DIR
ACTION
0
1
Step Head Out
Step Head In
The Relative Seek command differs from the Seek command in that it steps the head the absolute number of tracks
specified in the command instead of making a comparison against an internal register. The Seek command is good
for drives that support a maximum of 256 tracks. Relative Seeks cannot be overlapped with other Relative Seeks.
Only one Relative Seek can be active at a time. Relative Seeks may be overlapped with Seeks and Recalibrates. Bit
4 of Status Register 0 (EC) will be set if Relative Seek attempts to step outward beyond Track 0.
As an example, assume that a floppy drive has 300 useable tracks. The host needs to read track 300 and the head
is on any track (0-255). If a Seek command is issued, the head will stop at track 255. If a Relative Seek command is
issued, the FDC will move the head the specified number of tracks, regardless of the internal cylinder position register
(but will increment the register). If the head was on track 40 (d), the maximum track that the FDC could position the
head on using Relative Seek will be 295 (D), the initial track + 255 (D). The maximum count that the head can be
moved with a single Relative Seek command is 255 (D).
The internal register, PCN, will overflow as the cylinder number crosses track 255 and will contain 39 (D). The
resulting PCN value is thus (RCN + PCN) mod 256. Functionally, the FDC starts counting from 0 again as the track
number goes above 255 (D). It is the user’s responsibility to compensate FDC functions (precompensation track
number) when accessing tracks greater than 255. The FDC does not keep track that it is working in an “extended
track area” (greater than 255). Any command issued will use the current PCN value except for the Recalibrate
command, which only looks for the TRACK0 signal. Recalibrate will return an error if the head is farther than 255 due
to its limitation of issuing a maximum of 256 step pulses. The user simply needs to issue a second Recalibrate
command. The Seek command and implied seeks will function correctly within the 44 (D) track (299-255) area of the
“extended track area”. It is the user’s responsibility not to issue a new track position that will exceed the maximum
track that is present in the extended area.
To return to the standard floppy range (0-255) of tracks, a Relative Seek should be issued to cross the track 255
boundary.
A Relative Seek can be used instead of the normal Seek, but the host is required to calculate the difference between
the current head location and the new (target) head location. This may require the host to issue a Read ID command
to ensure that the head is physically on the track that software assumes it to be. Different FDC commands will return
different cylinder results which may be difficult to keep track of with software without the Read ID command.
Perpendicular Mode
The Perpendicular Mode command should be issued prior to executing Read/Write/Format commands that access a
disk drive with perpendicular recording capability. With this command, the length of the Gap2 field and VCO enable
timing can be altered to accommodate the unique requirements of these drives. Table 27 describes the effects of the
WGATE and GAP bits for the Perpendicular Mode command. Upon a reset, the FDC will default to the conventional
mode (WGATE = 0, GAP = 0).
Selection of the 500 Kbps and 1 Mbps perpendicular modes is independent of the actual data rate selected in the
Data Rate Select Register. The user must ensure that these two data rates remain consistent.
The Gap2 and VCO timing requirements for perpendicular recording type drives are dictated by the design of the
read/write head. In the design of this head, a pre-erase head precedes the normal read/write head by a distance of
200 micrometers. This works out to about 38 bytes at a 1 Mbps recording density. Whenever the write head is
enabled by the Write Gate signal, the pre-erase head is also activated at the same time. Thus, when the write head is
initially turned on, flux transitions recorded on the media for the first 38 bytes will not be preconditioned with the pre-
erase head since it has not yet been activated. To accommodate this head activation and deactivation time, the
Gap2 field is expanded to a length of 41 bytes. The Format Fields table illustrates the change in the Gap2 field size
for the perpendicular format.
On the read back by the FDC, the controller must begin synchronization at the beginning of the sync field. For the
conventional mode, the internal PLL VCO is enabled (VCOEN) approximately 24 bytes from the start of the Gap2
field. But, when the controller operates in the 1 Mbps perpendicular mode (WGATE = 1, GAP = 1), VCOEN goes
active after 43 bytes to accommodate the increased Gap2 field size. For both cases, and approximate two-byte
cushion is maintained from the beginning of the sync field for the purposes of avoiding write splices in the presence of
motor speed variation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com