Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC47M192 Datasheet(PDF) 20 Page - SMSC Corporation

Part # LPC47M192
Description  LPC SUPER I/O WITH HARDWARE MONITORING BLOCK
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M192 Datasheet(HTML) 20 Page - SMSC Corporation

Back Button LPC47M192 Datasheet HTML 16Page - SMSC Corporation LPC47M192 Datasheet HTML 17Page - SMSC Corporation LPC47M192 Datasheet HTML 18Page - SMSC Corporation LPC47M192 Datasheet HTML 19Page - SMSC Corporation LPC47M192 Datasheet HTML 20Page - SMSC Corporation LPC47M192 Datasheet HTML 21Page - SMSC Corporation LPC47M192 Datasheet HTML 22Page - SMSC Corporation LPC47M192 Datasheet HTML 23Page - SMSC Corporation LPC47M192 Datasheet HTML 24Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 228 page
background image
SMSC DS – LPC47M192
Page 20
Rev. 03/30/05
DATASHEET
Note 4:
The LPCPD# pin may be tied high. The LPC interface will function properly if the PCI_RESET# signal
follows the protocol defined for the LRESET# signal in the “Low Pin Count Interface Specification”.
Note 5:
These pins are inputs to VCC and VTR powered logic.
Note 6:
The fan control pins (FAN1 and FAN2) come up as outputs and low following a VCC POR and PCI Reset.
Note 7:
The IRTX pins (IRTX2/GP35 and GP53/TXD2(IRTX)) are driven low when the part is powered by VTR
(VCC=0V with VTR=3.3V). These pins will remain low following a power-up (VCC POR) until serial port 2
is enabled by setting the activate bit, at which time the pin will reflect the state of the transmit output of the
Serial Port 2 block.
Note 8:
The VCC power-up default for this pin is Logic “0” if the IRTX function is programmed on the GPIO.
Note 9:
These pins are inputs to VCC powered logic.
Note 10: External pullups must be placed on the nKBDRST and A20M pins. These pins are GPIOs that are inputs
after an initial power-up (VTR POR). If the nKBDRST and A20M functions are to be used, the system must
ensure that these pins are high. See Section “Pins That Require External Pullup Resistor”.
Note 11: The GP24 /SYSOPT pin requires an external pulldown resistor to put the base IO address for configuration
at 0x02E. An external pullup resistor is required to move the base IO address for configuration to 0x04E.
Note 12: The LED pins are powered by VTR so that the LEDs can be controlled when the part is under VTR power.
4.1 Buffer Name Descriptions
Note: The buffer type values are specified at VCC=3.3V
I
Input TTL Compatible - Super I/O Block.
IM
Input - Hardware Monitoring Block.
IANG
Analog Input, Hardware Monitoring Block.
IS
Input with Schmitt Trigger.
IMOD3
Input/Output (Open Drain), 3mA sink.
IMO3
Input/Output, 3mA sink, 3mA source.
O6
Output, 6mA sink, 3mA source.
O8
Output, 8mA sink, 4mA source.
OD8
Open Drain Output, 8mA sink.
IO8
Input/Output, 8mA sink, 4mA source.
IS/O8
Input with Schmitt Trigger/Output, 8mA sink, 4mA source.
O12
Output, 12mA sink, 6mA source.
OD12
Open Drain Output, 12mA sink.
IO12
Input/Output, 12mA sink, 6mA source.
OD14
Open Drain Output, 14mA sink.
OP14
Output, 14mA sink, 14mA source.
IOP14
Input/Output, 14mA sink, 14mA source. Backdrive protected.
IOD16
Input/Output (Open Drain), 16mA sink.
PCI_IO
Input/Output. These pins must meet the PCI 3.3V AC and DC Characteristics. (Note 1)
PCI_O
Output. These pins must meet the PCI 3.3V AC and DC Characteristics. (Note 1)
PCI_I
Input. These pins must meet the PCI 3.3V AC and DC Characteristics. (Note 1)
PCI_ICLK
Clock Input. These pins must meet the PCI 3.3V AC and DC Characteristics and timing. (Note 2)
Note 1: See the “PCI Local Bus Specification,” Revision 2.1, Section 4.2.2.
Note 2: See the “PCI Local Bus Specification,” Revision 2.1, Section 4.2.2 and 4.2.3.
4.2 Pins That Require External Pullup Resistors
4.2.1 SUPER I/O PINS
The following pins require external pullup resistors:
KDAT
KCLK
MDAT
MCLK
GP36/KBDRST if KBDRST function is used
GP37/A20M if A20M function is used
GP20/P17 If P17 function is used as an Open Drain Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com