Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC47M192 Datasheet(PDF) 64 Page - SMSC Corporation

Part # LPC47M192
Description  LPC SUPER I/O WITH HARDWARE MONITORING BLOCK
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M192 Datasheet(HTML) 64 Page - SMSC Corporation

Back Button LPC47M192 Datasheet HTML 60Page - SMSC Corporation LPC47M192 Datasheet HTML 61Page - SMSC Corporation LPC47M192 Datasheet HTML 62Page - SMSC Corporation LPC47M192 Datasheet HTML 63Page - SMSC Corporation LPC47M192 Datasheet HTML 64Page - SMSC Corporation LPC47M192 Datasheet HTML 65Page - SMSC Corporation LPC47M192 Datasheet HTML 66Page - SMSC Corporation LPC47M192 Datasheet HTML 67Page - SMSC Corporation LPC47M192 Datasheet HTML 68Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 228 page
background image
SMSC DS – LPC47M192
Page 64
Rev. 03/30/05
DATASHEET
ENHANCED DUMPREG
The DUMPREG command is designed to support system run-time diagnostics and application software development
and debug. To accommodate the LOCK command and the enhanced PERPENDICULAR MODE command the
eighth byte of the DUMPREG command has been modified to contain the additional data from these two commands.
COMPATIBILITY
The LPC47M192 was designed with software compatibility in mind. It is a fully backwards- compatible solution with
the older generation 765A/B disk controllers. The FDC also implements on-board registers for compatibility with the
PS/2, as well as PC/AT and PC/XT, floppy disk controller subsystems. After a hardware reset of the FDC, all
registers, functions and enhancements default to a PC/AT, PS/2 or PS/2 Model 30 compatible operating mode,
depending on how the IDENT and MFM bits are configured by the system BIOS.
7.4.5 DIRECT SUPPORT FOR TWO FLOPPY DRIVES
The MTR1# function is on pin 43. MTR1# is the second alternate function on the GP22 pin. Pin 43 has the IO12
buffer type.
The MTR1# function is selectable as open drain or push pull as MTR0# is through bit 6 of the FDD Mode Register in
CRF0 of LD 0. This overrides the selection of the output type through bit 7 of the GPIO control register. It is also
controlled by bit 7 of the FDD Mode Register.
The DS1# function is on pin 41. DS1# is the second alternate function on the GP21 pin. Pin 42 has IO12 buffer type.
The DS1# function is selectable as open drain or push pull as DS0# is through bit 6 of the FDD Mode Register in
CRF0 of Logical Device 0. This overrides the selection of the output type through bit 7 of the GPIO control register.
It is also controlled by bit 7 of the FDD Mode register.
See the Runtime Registers section for register information.
Disk Change Support for Second Floppy
Bit[1] in the Force Disk Change register supports the second floppy. Setting either of the Force Disk Change bits
active forces the internal FDD nDSKCHG active when the appropriate drive has been selected. The Force Disk
Change register is defined in the Runtime Registers section.
Force Write Protect Support for Second Floppy
Bit[0] in the Device Disable register and FDD Option register support floppy write protect.
See the Runtime Registers section for Device Disable register description and the Configuration Registers section for
FDD Option register description.
7.4.6 FDC SWAP BIT
The FDC_SWAP bit in the FDD Mode Register (configuration register 0xF0) can be used to swap Drive 0 and Drive 1.
The FDC_SWAP is defined as follows:
Bit[4] FDC_SWAP
0 = Do Not Swap (default)
1 = Swap Drive 0 (nDS, nMTR pins) with Drive 1 (nDS, nMTR pins)
7.5 SERIAL PORT (UART)
The LPC47M192 incorporates two full function UARTs. They are compatible with the 16450, the 16450 ACE
registers and the 16C550A. The UARTS perform serial-to-parallel conversion on received characters and parallel-to-
serial conversion on transmit characters. The data rates are independently programmable from 460.8K baud down to
50 baud. The character options are programmable for 1 start; 1, 1.5 or 2 stop bits; even, odd, sticky or no parity; and
prioritized interrupts. The UARTs each contain a programmable baud rate generator that is capable of dividing the
input clock or crystal by a number from 1 to 65535. The UARTs are also capable of supporting the MIDI data rate.
Refer to the Configuration Registers for information on disabling, power down and changing the base address of
the UARTs. The interrupt from a UART is enabled by programming OUT2 of that UART to a logic “1”. OUT2 being a
logic “0” disables that UART’s interrupt. The second UART also supports IrDA, HP-SIR and ASK-IR modes of
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com