Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC47M192 Datasheet(PDF) 23 Page - SMSC Corporation

Part # LPC47M192
Description  LPC SUPER I/O WITH HARDWARE MONITORING BLOCK
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M192 Datasheet(HTML) 23 Page - SMSC Corporation

Back Button LPC47M192 Datasheet HTML 19Page - SMSC Corporation LPC47M192 Datasheet HTML 20Page - SMSC Corporation LPC47M192 Datasheet HTML 21Page - SMSC Corporation LPC47M192 Datasheet HTML 22Page - SMSC Corporation LPC47M192 Datasheet HTML 23Page - SMSC Corporation LPC47M192 Datasheet HTML 24Page - SMSC Corporation LPC47M192 Datasheet HTML 25Page - SMSC Corporation LPC47M192 Datasheet HTML 26Page - SMSC Corporation LPC47M192 Datasheet HTML 27Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 228 page
background image
SMSC DS – LPC47M192
Page 23
Rev. 03/30/05
DATASHEET
6
POWER FUNCTIONALITY
The LPC47M192 has four power planes: VCC, HVCC, VREF, and VTR.
6.1 VCC/HVCC Power
The LPC47M192 is a 3.3 Volt part. The VCC/HVCC supply is 3.3 Volts (nominal). VCC is supply for Super I/O
Block, and HVCC is supply for the Hardware Monitoring Block. See the “Operational Description” Section and
the “Maximum Current Values” subsection.
6.1.1 3 VOLT OPERATION / 5 VOLT TOLERANCE
The LPC47M192 is a 3.3-Volt part. It is intended solely for 3.3V applications. Non-LPC bus pins are 5V
tolerant; that is, the operating input voltage is 5.5V Max, and the I/O buffer output pads are backdrive
protected (they do not impose a load on any external VCC/HVCC powered circuitry). The 5V tolerant pins are
applicable to the Super I/O Block only.
The LPC interface pins are 3.3 V only. These signals meet PCI DC specifications for 3.3V signaling. These pins are:
LAD[3:0]
LFRAME#
LDRQ#
LPCPD#
The input voltage for all other pins is 5.5V max. These pins include all non-LPC Bus pins and the following pins in the
Super I/O Block:
PCI_RESET#
PCI_CLK
SER_IRQ
IO_PME#
The Hardware Monitoring Block digital pins are 3.3V only.
6.2 VREF Pin
The LPC47M192 has a reference voltage pin input on pin 44 of the part. This reference voltage can be
connected to either a 5V supply or a 3.3V supply. It is used for the game port. See the “GAME PORT
LOGIC” section.
6.3 VTR Support
The LPC47M192 requires a trickle supply (VTR) to provide sleep current for the programmable wake-up events
in the PME interface when VCC is removed. The VTR supply is 3.3 Volts (nominal). See the Operational
Description Section. The maximum VTR current that is required depends on the functions that are used in the
part.
See Trickle Power Functionality subsection and Maximum Current Values subsection.
If the
LPC47M192 is not intended to provide wake-up capabilities on standby current, VTR can be connected to VCC.
VTR powers the IR interface, the PME configuration registers, and the PME interface. The VTR pin generates a
VTR Power-on-Reset signal to initialize these components.
Note: If VTR is to be used for programmable wake-up events when VCC is removed, VTR must be at its full
minimum potential at least 10
µs before Vcc begins a power-on cycle. When VTR and Vcc are fully powered, the
potential difference between the two supplies must not exceed 500mV.
6.3.1 TRICKLE POWER FUNCTIONALITY
When the LPC47M192 is running under VTR only (VCC removed), PME wakeup events are active and (if
enabled) able to assert the nIO_PME pin active low. The following lists the wakeup events:
UART 1 Ring Indicator
UART 2 Ring Indicator
Keyboard data
Mouse data
“Wake on Specific Key” Logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com