Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56857 Datasheet(PDF) 209 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 209 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 205Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 206Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 207Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 208Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 209Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 210Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 211Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 212Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 213Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 662 page
background image
Register Descriptions (ITCN_BASE = $1FFF20)
Overview, Rev. 4
Freescale Semiconductor
8-31
•
01 = Required nested exception priority levels are 1, 2, or 3
•
10 = Required nested exception priority levels are 2 or 3
•
11 = Required nested exception priority level is 3
8.7.16.3 Vector Number (VAB)—Bits 12–6
This bit field shows the Vector Number, described in Table 8-3 of the last IRQ taken. This bit
field is only updated when the 56800E core jumps to a new interrupt service routine.
Note:
Nested interrupts may cause this field to be updated before the original interrupt
service routine can read it.
8.7.16.4 Interrupt Disable (INT_DIS)—Bit 5
This bit allows the user to disable all interrupts.
•
0 = Normal operation (default)
•
1 = All interrupts disabled
8.7.16.5 Reserved—Bit 4
This bit is reserved or not implemented. It is read as 0, but they cannot be modified by writing.
8.7.16.6 State of IRQB (IRQB STATE)—Bit 3
This bit reflects the state of the external IRQB pin.
8.7.16.7 State of IRQA (IRQA STATE)—Bit 2
This bit reflects the state of the external IRQA pin.
8.7.16.8 IRQB Edge (IRQB EDG)—Bit 1
This bit controls whether the external IRQB interrupt is edge or level sensitive. During Stop and
Wait modes it is automatically level sensitive.
•0 = IRQB interrupt is low level sensitive (default)
•1 = IRQB interrupt is falling edge sensitive
8.7.16.9 IRQA Edge (IRQA EDG)—Bit 0
This bit controls whether the external IRQA interrupt is edge or level sensitive. During Stop and
Wait modes it is automatically level sensitive.
•0 = IRQA interrupt is low level sensitive (default)
•1 = IRQA interrupt is falling edge sensitive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com