Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56857 Datasheet(PDF) 281 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 281 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 277Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 278Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 279Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 280Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 281Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 282Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 283Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 284Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 285Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 281 / 662 page
background image
Transmission Formats
Serial Peripheral Interface (SPI), Rev. 4
Freescale Semiconductor
11-11
11.7.1 Data Transmission Length
The SPI can support data lengths from one to 16 bits. This can be configured in the Data Size
Register (SPDSR). When the data length is less than 16 bits, the Receive Data register will pad
the upper bits with zeros. It is the responsibility of the software to remove these upper bits since
16 bits will be read when reading the Receive Data register (SPDRR).
Note:
Data can be lost if the data length is not the same for both master and slave devices.
11.7.2 Data Shift Ordering
The SPI can be configured to transmit or receive the MSB of the desired data first or last. This is
controlled by the Data Shift Order (DSO) bit in the SPSCR. Regardless which bit is transmitted
or received first, the data shall always be written to the SPI Data Transmit Register (SPDTR) and
read from the Receive Data Register (SPDRR) with the LSB in bit 0 and the MSB in the correct
position, depending on the data transmission size.
11.7.3 Clock Phase and Polarity Controls
Software can select any of four combinations of Serial Clock (SCLK) phase and polarity using
two bits in the SPI Status and Control Register (SPSCR). The Clock Polarity is specified by the
(CPOL) control bit. In turn, it selects an active high or low clock. It has no significant effect on
the transmission format.
The Clock Phase (CPHA) control bit selects one of two fundamentally different transmission
formats. The clock phase and polarity should be identical for the master SPI device and the
communicating slave device. In some cases, the phase and polarity are changed between
transmissions, allowing a master device to communicate with peripheral slaves with different
requirements.
Note:
Before writing to the CPOL bit or the CPHA bit, disable the SPI by clearing the SPI
Enable (SPE) bit. Do not change SPE and CPHA or CPOL at the same time.
11.7.4 Transmission Format When CPHA = 0
Figure 11-6 exhibits a SPI transmission with CPHA as Logic 0. The figure should not be used as
a replacement for data sheet parametric information. Two waveforms are shown for SCLK:
1. CPOL = 0
2. CPOL = 1
The diagram may be interpreted as a master or slave timing diagram since the Serial Clock
(SCLK), Master In/Slave Out (MISO), and Master Out/Slave In (MOSI) pins are directly



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com