Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56857 Datasheet(PDF) 284 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 284 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 280Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 281Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 282Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 283Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 284Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 285Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 286Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 287Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 288Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 284 / 662 page
background image
Transmission Formats
5685X Digital Signal Controller User Manual, Rev. 4
11-14
Freescale Semiconductor
When CPHA = 1 for a slave, the first edge of the SCLK indicates the beginning of the
transmission. This causes the SPI to leave its idle state and begin driving the MISO pin with the
first bit of its data. Once the transmission begins, no new data is allowed into the Shift Register
from the Data Transmit Register. Therefore, the SPI Data Register of the slave must be loaded
with transmit data before the first edge of SCLK. Any data written after the first edge is stored in
the Data Transmit Register and transferred to the Shift Register after the current transmission.
11.7.6 Transmission Initiation Latency
When the SPI is configured as a master (SPMSTR = 1), writing to the SPDTR starts a
transmission. CPHA has no effect on the delay to the start of the transmission, but it does affect
the initial state of the SCLK signal. When CPHA = 0, the SCLK signal remains inactive for the
first half of the first SCLK cycle. When CPHA = 1, the first SCLK cycle begins with an edge on
the SCLK line from its inactive to its active level. The SPI clock rate, selected by SPR1:SPR0,
affects the delay from the write to SPDTR and the start of the SPI transmission. The internal SPI
clock in the master is a free-running derivative of the internal clock. To conserve power, it is
enabled only when both the SPE and SPMSTR bits are set. Since the SPI clock is free-running, it
is uncertain where the write to the SPDTR occurs relative to the slower SCLK. This uncertainty
causes the variation in the initiation delay, demonstrated in Figure 11-9. This delay is no longer
than a single SPI bit time. That is, the maximum delay is two bus cycles for DIV2, four bus
cycles for DIV4, eight bus cycles for DIV8, and so on up to a maximum of 256 cycles for
DIV256.
Note:
Figure 11-9 assumes 16-bit data lengths and the MSB shifted out first.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com