| Electronic Components Datasheet Search |
|
DSP56857 Datasheet(PDF) 120 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56857 Datasheet(HTML) 120 Page - Freescale Semiconductor, Inc |
|
120 / 662 page ![]() Register Descriptions (SYS_BASE = $1FFF08) 5685X Digital Signal Controller User Manual, Rev. 4 4-12 Freescale Semiconductor 4.6.1.4 Reserved—Bit 7 This bit is reserved or not implemented. It is a read/write bit, initializing to one. 4.6.1.5 Enhanced OnCE Enable (EOnCE_EBL)—Bit 6 The clock for the 56800E core On-Chip Emulator debug features is normally enabled with the core TAP interface. Setting this bit continuously enables the clock. This powers the core to perform I/O with its mapped EOnCE registers without regard for the TAP state. This is useful when doing real time debugging. • 0 = EOnCE clock to core is enabled only when core TAP is enabled • 1 = EOnCE clock to core is always enabled 4.6.1.6 CLKOUT Disable (CLKOUT_DBL)—Bit 5 • 0 = CLKOUT (CLKO) output pin presents CLK_MSTR/8 (this is half the peripheral bus clock frequency) • 1 = CLKOUT (CLKO) output pin presents static zero 4.6.1.7 Program RAM Disable (PRAM_DBL)—Bit 4 • 0 = Internal program RAM enabled • 1 = Internal program RAM disabled and accesses redirected to external memory 4.6.1.8 Data RAM Disable (DRAM_DBL)—Bit 3 Note: This field replaces the EX bit in the core OMR. • 0 = Internal data RAM enabled • 1 = Internal data RAM disabled and accesses redirected to external memory 4.6.1.9 Software Reset (SW_RESET)—Bit 2 Writing 1 to this field results in the part to reset. 4.6.1.10 Stop Disable (STOP_DBL)—Bit 1 • 0 = The Stop mode is entered when the core executes a Stop instruction • 1 = The core Stop instruction will not cause entry into the Stop mode 4.6.1.11 Wait Disable (WAIT_DBL)—Bit 0 • 0 = The Wait mode is entered when the core executes a Wait instruction • 1 = The core Wait instruction will not cause entry into the Wait mode |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |