Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56857 Datasheet(PDF) 124 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 124 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 120Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 121Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 122Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 123Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 124Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 125Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 126Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 127Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 128Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 662 page
background image
Power Mode Controls
5685X Digital Signal Controller User Manual, Rev. 4
4-16
Freescale Semiconductor
4.9 Power Mode Controls
The Power Mode Control module controls movement between the three power modes supported
by the core:
1. Run mode provides full functionality
2. Functions disabled in Wait mode:
— execution of the core
— any unnecessary system clocks
3. Functions disabled in Stop mode:
— 56800E core
— all system clocks
— peripheral bus clock
— PLL optionally
— OSC optionally
All system clocks continue running in the Wait mode, allowing the DMA to operate in the Wait
mode. The time-based clock generated by the oscillator and Clock Generation Module (CGM)
are not affected by Low Power modes. Time based functions such as a Time-of-Day (TOD)
module and Computer Operating Properly (COP) module must be individually disabled for
maximum low-power effects. Likewise, Power Mode Controls do not affect pull-up/pull-down
resistor enabling. Power loss through input and bidirectional I/O cell pull-up/pull down resistors
can be eliminated by disabling the resistor in the software where supported, or in the case of
bidirectional I/O, by putting the cell in an output state and avoiding external contention.
When the core executes a Stop or Wait instruction it will wait until any stall or hold-off activity is
completed (c7WAITST has deasserted) then it asserts the p5STOP or p5WAIT SIM input and the
SIM will enter the corresponding Low Power mode. The SIM Control register also contains Stop
and Wait disable bits and feed the core. When asserted, these cause the core to ignore Stop and
Wait instructions, not assert p5STOP or p5WAIT.
Recovery from Stop or Wait mode to Run mode occurs if there is a pending enabled interrupt
(INT_PEND input asserts), or if there is a Debug mode request from the core due to a JTAG
initiated Debug mode entry request (JTDEBREQ input asserts), or if there is a Debug mode entry
request from the DE input pin (DE asserts). These three inputs are asynchronous so they are
metastabilized and re-timed to the system clock domain before use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com