Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56857 Datasheet(PDF) 177 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 177 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 173Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 174Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 175Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 176Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 177Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 178Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 179Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 180Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 181Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 662 page
background image
Register Descriptions (COP_BASE = $1FFFD0)
Power-On Reset (POR) and Computer Operating Properly (COP), Rev. 4
Freescale Semiconductor
7-9
7.9.1.5 COP Enable (CEN)—Bit 1
This bit controls the operation of the COP counter. This bit can only be changed when the CWP
bit is set to 0. This bit always reads as 0 when the chip is in the Debug mode.
•
0 = COP counter is disabled (default)
•
1 = COP counter is enabled
7.9.1.6 COP Write Protect (CWP)—Bit 0
This bit controls the write protection feature of the COP Control (COPCTL) register and the COP
Time-Out (COPTO) register. Once set, this bit can only be cleared by resetting the module.
•
0 = COPCTL and COPTO are readable and writable (default)
•
1 = COPCTL and COPTO are read only
7.9.2 COP Time-Out Register (COPTO)
Figure 7-5. COP Time-Out Register (COPTO)
See Programmer’s Sheet on Appendix page B-19
7.9.2.1 COP Time-Out Period (TIMEOUT)—Bits 15–0
The value in this register determines the time-out period of the COP counter. TIMEOUT should
be written before the COP is enabled. Once the COP is enabled, the recommended procedure for
changing TIMEOUT is to disable the COP, write to COPTO, then re-enable the COP, ensuring
the new TIMEOUT is loaded into the counter. Alternatively, the CPU can write to COPTO, then
write the proper patterns to COPCTR, causing the counter to reload with the new TIMEOUT
value. The COP counter is not reset by a write to COPTO. Changing TIMEOUT while the COP
is enabled will result in a time-out period differing from the expected value. These bits can only
be changed when the CWP bit is set to 0.
Base + $1
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
TIMEOUT
Write
Reset
1
1111
11111
11111
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com