| Electronic Components Datasheet Search |
|
DSP56857 Datasheet(PDF) 174 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56857 Datasheet(HTML) 174 Page - Freescale Semiconductor, Inc |
|
174 / 662 page ![]() Operating Modes 5685X Digital Signal Controller User Manual, Rev. 4 7-6 Freescale Semiconductor 7.5.3 COP After Reset COPCTL is cleared out of reset. Thus the counter is disabled by default. In addition, COPTO is set to it’s maximum value of $FFFF during reset so the counter is loaded with a maximum time-out period when reset is released. 7.5.4 Wait Mode Operation If both CEN and CWEN are set to 1 and the Wait mode is entered, the COP counter will continue to count down. If either CEN or CWEN is set to 0 when Wait mode is entered, the counter will be disabled and will reload using the value in the COPTO register. 7.5.5 Stop Mode Operation If both CEN and CSEN set to 1 and the Stop mode is entered, the COP counter will continue to count down. If either CEN or CSEN is set to 0 when Stop mode is entered, the counter will be disabled and will reload using the value in the COPTO register. 7.5.6 Debug Mode Operation The COP counter does not count when the chip is in the Debug mode. Additionally, the CEN bit in the COPCTL always reads as 0 when the chip is in the Debug mode. The actual value of CEN is unaffected by debug however, and it resumes it’s previously set value upon exiting Debug. 7.6 Operating Modes The COP module design contains two major modes of operation: • Functional Mode The COP by default is in this mode and will remain in this mode for as long as the SCANTESTMODE input remains low. • Debug Mode The COP timer is stopped while the processor is in Debug mode. If the COP is enabled, the timer will resume, counting upon exiting Debug mode. The CEN bit in COPCTL register always reads as 0 when in the Debug mode, even when it has a value of 1. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |