Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC16C554DB Datasheet(PDF) 36 Page - NXP Semiconductors

Part # SC16C554DB
Description  5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C554DB Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button SC16C554DB Datasheet HTML 32Page - NXP Semiconductors SC16C554DB Datasheet HTML 33Page - NXP Semiconductors SC16C554DB Datasheet HTML 34Page - NXP Semiconductors SC16C554DB Datasheet HTML 35Page - NXP Semiconductors SC16C554DB Datasheet HTML 36Page - NXP Semiconductors SC16C554DB Datasheet HTML 37Page - NXP Semiconductors SC16C554DB Datasheet HTML 38Page - NXP Semiconductors SC16C554DB Datasheet HTML 39Page - NXP Semiconductors SC16C554DB Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 51 page
background image
9397 750 13133
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 9 February 2005
36 of 51
Philips Semiconductors
SC16C554B/554DB
5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
10. Dynamic characteristics
Table 26:
Dynamic characteristics
Tamb = −40 °C to +85 °C; VCC = 2.5 V, 3.3 V or 5.0 V ± 10 %, unless otherwise specified.
Symbol Parameter
Conditions
2.5 V
3.3 V
5.0 V
Unit
Min
Max
Min
Max
Min
Max
t1w, t2w
clock pulse duration
10
-
6
-
6
-
ns
fXTAL
oscillator/clock frequency
[1] [2] -
48
-
80
80
MHz
t6s
address setup time
0
-
0
-
0
-
ns
t6h
address hold time
0
-
0
-
0
-
ns
t7d
IOR delay from chip select
10
-
10
-
10
-
ns
t7w
IOR strobe width
25 pF load
77
-
26
-
23
-
ns
t7h
chip select hold time from
IOR
0-
0-
0
-
ns
t9d
read cycle delay
25 pF load
20
-
20
-
20
-
ns
t12d
delay from IOR to data
25 pF load
-
77
-
26
-
23
ns
t12h
data disable time
25 pF load
-
15
-
15
-
15
ns
t13d
IOW delay from chip
select
10
-
10
-
10
-
ns
t13w
IOW strobe width
20
-
20
-
15
-
ns
t13h
chip select hold time from
IOW
0-
0-
0
-
ns
t15d
write cycle delay
25
-
25
-
20
-
ns
t16s
data setup time
20
-
20
-
15
-
ns
t16h
data hold time
15
-
5
-
5
-
ns
t17d
delay from IOW to output
25 pF load
-
100
-
33
-
29
ns
t18d
delay to set interrupt from
modem input
25 pF load
-
100
-
24
-
23
ns
t19d
delay to reset interrupt
from IOR
25 pF load
-
100
-
24
-
23
ns
t20d
delay from stop to set
interrupt
-1 TRCLK
[3]
-1 TRCLK
[3]
-1 TRCLK
[3]
ns
t21d
delay from IOR to
reset interrupt
25 pF load
-
100
-
29
-
28
ns
t22d
delay from start to
set interrupt
-
100
-
45
-
40
ns
t23d
delay from IOW to
transmit start
8TRCLK
[3]
24 TRCLK
[3]
8TRCLK
[3]
24 TRCLK
[3]
8TRCLK
[3]
24 TRCLK
[3]
ns
t24d
delay from IOW to
reset interrupt
-
100
-
45
-
40
ns
t25d
delay from stop to
set RXRDY
-1 TRCLK
[3]
-1 TRCLK
[3]
-1 TRCLK
[3]
ns
t26d
delay from IOR to
reset RXRDY
-
100
-
45
-
40
ns
t27d
delay from IOW to
set TXRDY
-
100
-
45
-
40
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com