Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC16C554DB Datasheet(PDF) 12 Page - NXP Semiconductors

Part # SC16C554DB
Description  5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C554DB Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button SC16C554DB Datasheet HTML 8Page - NXP Semiconductors SC16C554DB Datasheet HTML 9Page - NXP Semiconductors SC16C554DB Datasheet HTML 10Page - NXP Semiconductors SC16C554DB Datasheet HTML 11Page - NXP Semiconductors SC16C554DB Datasheet HTML 12Page - NXP Semiconductors SC16C554DB Datasheet HTML 13Page - NXP Semiconductors SC16C554DB Datasheet HTML 14Page - NXP Semiconductors SC16C554DB Datasheet HTML 15Page - NXP Semiconductors SC16C554DB Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 51 page
background image
9397 750 13133
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 9 February 2005
12 of 51
Philips Semiconductors
SC16C554B/554DB
5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
RXA, RXB,
RXC, RXD
7, 29,
41, 63
62, 20,
29, 51
17, 44,
57, 4
I
Receive data input RXA to RXD. These inputs are associated with
individual serial channel data to the SC16C554B/554DB. The RX
signal will be a logic 1 during reset, idle (no data), or when the
transmitter is disabled. During the local loop-back mode, the RX
input pin is disabled and TX data is connected to the UART RX
input internally.
RXRDY
38
-
54
O
Receive Ready (active LOW). RXRDY contains the wire-ORed
status of all four receive channel FIFOs, RXRDYA to RXRDYD. A
logic 0 indicates receive data ready status, that is, the RHR is full, or
the FIFO has one or more RX characters available for unloading.
This pin goes to a logic 1 when the FIFO/RHR is empty, or when
there are no more characters available in either the FIFO or RHR.
Individual channel RX status is read by examining individual internal
registers via CS and A0 to A4 pin functions.
TXA, TXB,
TXC, TXD
17, 19,
51, 53
8, 10,
39, 41
29, 32,
69, 72
O
Transmit data A, B, C, D. These outputs are associated with
individual serial transmit channel data from the
SC16C554B/554DB. The TX signal will be a logic 1 during reset,
idle (no data), or when the transmitter is disabled. During the local
loop-back mode, the TX output pin is disabled and TX data is
internally connected to the UART RX input.
TXRDY
39
-
55
O
Transmit Ready (active LOW). TXRDY contains the wire-ORed
status of all four transmit channel FIFOs, TXRDYA to TXRDYD. A
logic 0 indicates a buffer ready status, that is, at least one location is
empty and available in one of the TX channels (A to D). This pin
goes to a logic 1 when all four channels have no more empty
locations in the TX FIFO or THR. Individual channel TX status can
be read by examining individual internal registers via CS and
A0 to A4 pin functions.
VCC
13, 30,
47, 64
4, 21,
35, 52
5, 25,
45, 65
I
Power supply inputs.
XTAL1
35
25
50
I
Crystal or external clock input. Functions as a crystal input or as
an external clock input. A crystal can be connected between this pin
and XTAL2 to form an internal oscillator circuit (see Figure 11).
Alternatively, an external clock can be connected to this pin to
provide custom data rates. (See Section 6.6 “Programmable baud
rate generator”.)
XTAL2
36
26
51
O
Output of the crystal oscillator or buffered clock. (See also
XTAL1.) Crystal oscillator output or buffered clock output.
Table 2:
Pin description …continued
Symbol
Pin
Type
Description
PLCC68
LQFP64
LQFP80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com