Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC16C554DB Datasheet(PDF) 41 Page - NXP Semiconductors

Part # SC16C554DB
Description  5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C554DB Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button SC16C554DB Datasheet HTML 37Page - NXP Semiconductors SC16C554DB Datasheet HTML 38Page - NXP Semiconductors SC16C554DB Datasheet HTML 39Page - NXP Semiconductors SC16C554DB Datasheet HTML 40Page - NXP Semiconductors SC16C554DB Datasheet HTML 41Page - NXP Semiconductors SC16C554DB Datasheet HTML 42Page - NXP Semiconductors SC16C554DB Datasheet HTML 43Page - NXP Semiconductors SC16C554DB Datasheet HTML 44Page - NXP Semiconductors SC16C554DB Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 51 page
background image
9397 750 13133
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 9 February 2005
41 of 51
Philips Semiconductors
SC16C554B/554DB
5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
Fig 21. Receive ready timing in non-FIFO mode
D0
D1
D2
D3
D4
D5
D6
D7
002aab063
next
data
start
bit
stop
bit
parity
bit
t25d
RX
RXRDY
IOR
active data
ready
start
bit
data bits (0 to 7)
active
t26d
Fig 22. Receive ready timing in FIFO mode
D0
D1
D2
D3
D4
D5
D6
D7
002aab064
first byte that
reaches the
trigger level
stop
bit
parity
bit
t25d
RX
RXRDY
IOR
active data
ready
start
bit
data bits (0 to 7)
active
t26d



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com