Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC16C554DB Datasheet(PDF) 27 Page - NXP Semiconductors

Part # SC16C554DB
Description  5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C554DB Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button SC16C554DB Datasheet HTML 23Page - NXP Semiconductors SC16C554DB Datasheet HTML 24Page - NXP Semiconductors SC16C554DB Datasheet HTML 25Page - NXP Semiconductors SC16C554DB Datasheet HTML 26Page - NXP Semiconductors SC16C554DB Datasheet HTML 27Page - NXP Semiconductors SC16C554DB Datasheet HTML 28Page - NXP Semiconductors SC16C554DB Datasheet HTML 29Page - NXP Semiconductors SC16C554DB Datasheet HTML 30Page - NXP Semiconductors SC16C554DB Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 51 page
background image
9397 750 13133
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 9 February 2005
27 of 51
Philips Semiconductors
SC16C554B/554DB
5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
7.4 Interrupt Status Register (ISR)
The SC16C554B/554DB provides four levels of prioritized interrupts to minimize external
software interaction. The Interrupt Status Register (ISR) provides the user with four
interrupt status bits. Performing a read cycle on the ISR will provide the user with the
highest pending interrupt level to be serviced. No other interrupts are acknowledged until
the pending interrupt is serviced. Whenever the interrupt status register is read, the
interrupt status is cleared. However, it should be noted that only the current pending
interrupt is cleared by the read. A lower level interrupt may be seen after re-reading the
interrupt status bits. Table 13 “Interrupt source” shows the data values (bits 0 to 5) for the
four prioritized interrupt levels and the interrupt sources associated with each of these
interrupt levels.
Table 12:
RCVR trigger levels
FCR[7]
FCR[6]
RX FIFO trigger level
001
014
108
1114
Table 13:
Interrupt source
Priority
level
ISR[5]
ISR[4]
ISR[3]
ISR[2]
ISR[1]
ISR[0]
Source of the interrupt
1
000110
LSR (Receiver Line Status
Register)
2
000100
RXRDY (Receive Data
Ready)
2
001100
RXRDY (Receive Data
time-out)
3
000010
TXRDY (Transmitter Holding
Register Empty)
4
000000
MSR (Modem Status
Register)
Table 14:
Interrupt Status Register bits description
Bit
Symbol
Description
7:6
ISR[7:6]
FIFOs enabled. These bits are set to a logic 0 when the FIFO is not
being used. They are set to a logic 1 when the FIFOs are enabled.
Logic 0 or cleared = default condition.
5:4
ISR[5:4]
Reserved; set to ‘0’.
3:1
ISR[3:1]
INT priority bits 2 to 0. These bits indicate the source for a pending
interrupt at interrupt priority levels 1, 2, and 3 (see Table 13).
Logic 0 or cleared = default condition.
0
ISR[0]
INT status.
Logic 0 = An interrupt is pending and the ISR contents may be used
as a pointer to the appropriate interrupt service routine.
Logic 1 = No interrupt pending (normal default condition).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com