Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC16C554DB Datasheet(PDF) 1 Page - NXP Semiconductors

Part # SC16C554DB
Description  5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C554DB Datasheet(HTML) 1 Page - NXP Semiconductors

  SC16C554DB Datasheet HTML 1Page - NXP Semiconductors SC16C554DB Datasheet HTML 2Page - NXP Semiconductors SC16C554DB Datasheet HTML 3Page - NXP Semiconductors SC16C554DB Datasheet HTML 4Page - NXP Semiconductors SC16C554DB Datasheet HTML 5Page - NXP Semiconductors SC16C554DB Datasheet HTML 6Page - NXP Semiconductors SC16C554DB Datasheet HTML 7Page - NXP Semiconductors SC16C554DB Datasheet HTML 8Page - NXP Semiconductors SC16C554DB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
1.
General description
The SC16C554B/554DB is a 4-channel Universal Asynchronous Receiver and
Transmitter (QUART) used for serial data communications. Its principal function is to
convert parallel data into serial data and vice versa. The UART can handle serial data
rates up to 5 Mbit/s. It comes with an Intel® or Motorola® interface.
The SC16C554B/554DB is pin compatible with the ST16C554 and TL16C554 and it will
power-up to be functionally equivalent to the 16C454. Programming of control registers
enables the added features of the SC16C554B/554DB. Some of these added features are
the 16-byte receive and transmit FIFOs, four receive trigger levels. The
SC16C554B/554DB also provides DMA mode data transfers through FIFO trigger levels
and the TXRDY and RXRDY signals. On-board status registers provide the user with error
indications, operational status, and modem interface control. System interrupts may be
tailored to meet user requirements. An internal loop-back capability allows on-board
diagnostics.
The SC16C554B/554DB operates at 5 V, 3.3 V and 2.5 V, and the industrial temperature
range, and is available in plastic PLCC68, LQFP64, and LQFP80 packages.
2.
Features
s 4 channel UART
s 5 V, 3.3 V and 2.5 V operation
s Industrial temperature range (
−40 °C to +85 °C)
s The SC16C554B is pin and software compatible with the industry-standard
ST16C454/554, ST68C454/554, ST16C554, TL16C554
s The SC16C554DB is pin and software compatible with ST16C554D, and software
compatible with ST16C454/554, ST16C554, TL16C554
s Up to 5 Mbit/s data rate at 5 V and 3.3 V, and 3 Mbit/s at 2.5 V
s 5 V tolerant inputs
s 16-byte transmit FIFO
s 16-byte receive FIFO with error flags
s Programmable auto-RTS and auto-CTS
x In auto-CTS mode, CTS controls transmitter
x In auto-RTS mode, RxFIFO contents and threshold control RTS
s Automatic hardware flow control (RTS/CTS)
s Software selectable Baud Rate Generator
s Four selectable Receive FIFO interrupt trigger levels
s Standard modem interface
SC16C554B/554DB
5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte
FIFOs
Rev. 01 — 9 February 2005
Product data sheet


Similar Part No. - SC16C554DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16C554DBIA68 NXP-SC16C554DBIA68 Datasheet
1Mb / 58P
5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
Rev. 4-8 June 2010
SC16C554DBIA68 NXP-SC16C554DBIA68 Datasheet
1Mb / 58P
5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
Rev. 4-8 June 2010
SC16C554DBIB64 NXP-SC16C554DBIB64 Datasheet
1Mb / 58P
5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
Rev. 4-8 June 2010
SC16C554DBIB64 NXP-SC16C554DBIB64 Datasheet
1Mb / 58P
5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
Rev. 4-8 June 2010
More results

Similar Description - SC16C554DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16C752B PHILIPS-SC16C752B Datasheet
225Kb / 47P
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
Rev. 03-14 December 2004
SC16C2550B PHILIPS-SC16C2550B Datasheet
200Kb / 42P
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 02-14 December 2004
SC16C754B PHILIPS-SC16C754B Datasheet
259Kb / 50P
5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 64-byte FIFOs
Rev. 02-13 June 2005
SC16C2550B PHILIPS-SC16C2550B_07 Datasheet
211Kb / 43P
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 04-15 February 2007
SC16C752B NXP-SC16C752B Datasheet
226Kb / 47P
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
Rev. 05-2 October 2008
SC16C754B NXP-SC16C754B Datasheet
252Kb / 51P
5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 64-byte FIFOs
Rev. 04-6 October 2008
SC16C2550B NXP-SC16C2550B Datasheet
221Kb / 43P
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 05-12 January 2009
SC16C2552B NXP-SC16C2552B Datasheet
188Kb / 38P
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 03-12 February 2009
SC16C554B NXP-SC16C554B_10 Datasheet
1Mb / 58P
5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
Rev. 4-8 June 2010
SC16C554BIB80-T NXP-SC16C554BIB80-T Datasheet
1Mb / 58P
5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
Rev. 4-8 June 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com