Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC16C554DB Datasheet(PDF) 24 Page - NXP Semiconductors

Part # SC16C554DB
Description  5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C554DB Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button SC16C554DB Datasheet HTML 20Page - NXP Semiconductors SC16C554DB Datasheet HTML 21Page - NXP Semiconductors SC16C554DB Datasheet HTML 22Page - NXP Semiconductors SC16C554DB Datasheet HTML 23Page - NXP Semiconductors SC16C554DB Datasheet HTML 24Page - NXP Semiconductors SC16C554DB Datasheet HTML 25Page - NXP Semiconductors SC16C554DB Datasheet HTML 26Page - NXP Semiconductors SC16C554DB Datasheet HTML 27Page - NXP Semiconductors SC16C554DB Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 51 page
background image
9397 750 13133
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 9 February 2005
24 of 51
Philips Semiconductors
SC16C554B/554DB
5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
7.1 Transmit (THR) and Receive (RHR) Holding Registers
The serial transmitter section consists of an 8-bit Transmit Hold Register (THR) and
Transmit Shift Register (TSR). The status of the THR is provided in the Line Status
Register (LSR). Writing to the THR transfers the contents of the data bus (D7 to D0) to the
THR, providing that the THR or TSR is empty. The THR empty flag in the LSR register will
be set to a logic 1 when the transmitter is empty or when data is transferred to the TSR.
Note that a write operation can be performed when the THR empty flag is set
(logic 0 = FIFO full; logic 1 = at least one FIFO location available).
The serial receive section also contains an 8-bit Receive Holding Register (RHR).
Receive data is removed from the SC16C554B/554DB and receive FIFO by reading the
RHR register. The receive section provides a mechanism to prevent false starts. On the
falling edge of a start or false start bit, an internal receiver counter starts counting clocks
at the 16
× clock rate. After 71⁄
2 clocks, the start bit time should be shifted to the center of
the start bit. At this time the start bit is sampled, and if it is still a logic 0 it is validated.
Evaluating the start bit in this manner prevents the receiver from assembling a false
character. Receiver status codes will be posted in the LSR.
7.2 Interrupt Enable Register (IER)
The Interrupt Enable Register (IER) masks the interrupts from receiver ready, transmitter
empty, line status and modem status registers. These interrupts would normally be seen
on the INTA to INTD output pins in the 16 mode, or on wire-OR IRQ output pin in the
68 mode.
Table 10:
Interrupt Enable Register bits description
Bit
Symbol
Description
7:4
IER[7:4]
Reserved; set to ‘0’.
3
IER[3]
Modem Status Interrupt.
Logic 0 = Disable the modem status register interrupt (normal default
condition).
Logic 1 = Enable the modem status register interrupt.
2
IER[2]
Receive Line Status interrupt.
Logic 0 = Disable the receiver line status interrupt (normal default condition).
Logic 1 = Enable the receiver line status interrupt.
1
IER[1]
Transmit Holding Register interrupt. This interrupt will be issued whenever the
THR is empty, and is associated with LSR[1].
Logic 0 = Disable the transmitter empty interrupt (normal default condition).
Logic 1 = Enable the transmitter empty interrupt.
0
IER[0]
Receive Holding Register interrupt. This interrupt will be issued when the FIFO
has reached the programmed trigger level, or is cleared when the FIFO drops
below the trigger level in the FIFO mode of operation.
Logic 0 = Disable the receiver ready interrupt (normal default condition).
Logic 1 = Enable the receiver ready interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com