Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC16C554DB Datasheet(PDF) 33 Page - NXP Semiconductors

Part # SC16C554DB
Description  5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C554DB Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button SC16C554DB Datasheet HTML 29Page - NXP Semiconductors SC16C554DB Datasheet HTML 30Page - NXP Semiconductors SC16C554DB Datasheet HTML 31Page - NXP Semiconductors SC16C554DB Datasheet HTML 32Page - NXP Semiconductors SC16C554DB Datasheet HTML 33Page - NXP Semiconductors SC16C554DB Datasheet HTML 34Page - NXP Semiconductors SC16C554DB Datasheet HTML 35Page - NXP Semiconductors SC16C554DB Datasheet HTML 36Page - NXP Semiconductors SC16C554DB Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 51 page
background image
9397 750 13133
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 9 February 2005
33 of 51
Philips Semiconductors
SC16C554B/554DB
5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
[1]
Whenever any MSR[3:0] is set to logic 1, a Modem Status Interrupt will be generated.
7.9 Scratchpad Register (SPR)
The SC16C554B/554DB provides a temporary data register to store 8 bits of user
information.
7.10 SC16C554B/554DB external reset conditions
1
MSR[1]
∆DSR [1]
Logic 0 = No DSR change (normal default condition).
Logic 1 = The DSR input to the SC16C554B/554DB has changed state
since the last time it was read. A modem Status Interrupt will be
generated.
0
MSR[0]
∆CTS [1]
Logic 0 = No CTS change (normal default condition).
Logic 1 = The CTS input to the SC16C554B/554DB has changed state
since the last time it was read. A modem Status Interrupt will be
generated.
Table 21:
Modem Status Register bits description …continued
Bit
Symbol
Description
Table 22:
Reset state for registers
Register
Reset state
IER
IER[7:0] = 0
ISR
ISR[7:1] = 0; ISR[0] = 1
LCR
LCR[7:0] = 0
MCR
MCR[7:0] = 0
LSR
LSR[7] = 0; LSR[6:5] = 1; LSR[4:0] = 0
MSR
MSR[7:4] = input signals; MSR[3:0] = 0
FCR
FCR[7:0] = 0
Table 23:
Reset state for outputs
Output
Reset state
TXA, TXB, TXC, TXD
HIGH
RTSA, RTSB, RTSC, RTSD
HIGH
DTRA, DTRB, DTRC, DTRD
HIGH
RXRDY
HIGH
TXRDYLOW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com