Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC16C554DB Datasheet(PDF) 14 Page - NXP Semiconductors

Part # SC16C554DB
Description  5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C554DB Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button SC16C554DB Datasheet HTML 10Page - NXP Semiconductors SC16C554DB Datasheet HTML 11Page - NXP Semiconductors SC16C554DB Datasheet HTML 12Page - NXP Semiconductors SC16C554DB Datasheet HTML 13Page - NXP Semiconductors SC16C554DB Datasheet HTML 14Page - NXP Semiconductors SC16C554DB Datasheet HTML 15Page - NXP Semiconductors SC16C554DB Datasheet HTML 16Page - NXP Semiconductors SC16C554DB Datasheet HTML 17Page - NXP Semiconductors SC16C554DB Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 51 page
background image
9397 750 13133
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 9 February 2005
14 of 51
Philips Semiconductors
SC16C554B/554DB
5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
6.1 Interface options
Two user interface modes are selectable for the PLCC68 package. These interface modes
are designated as the ‘16 mode’ and the ‘68 mode’. This nomenclature corresponds to the
early 16C454/554 and 68C454/554 package interfaces respectively.
6.1.1 The 16 mode interface
The 16 mode configures the package interface pins for connection as a standard
16 series (Intel) device and operates similar to the standard CPU interface available on
the 16C454/554. In the 16 mode (pin 16/68 = logic 1), each UART is selected with
individual chip select (CSx) pins, as shown in Table 3.
6.1.2 The 68 mode interface
The 68 mode configures the package interface pins for connection with Motorola, and
other popular microprocessor bus types. The interface operates similar to the
68C454/554. In this mode, the SC16C554B/554DB decodes two additional addresses,
A3 to A4, to select one of the four UART ports. The A3 to A4 address decode function is
used only when in the 68 mode (16/68 = logic 0), and is shown in Table 4.
Table 3:
Serial port channel selection, 16 mode interface
CSA
CSB
CSC
CSD
UART channel
1111
none
0111A
1011B
1101C
1110D
Table 4:
Serial port channel selection, 68 mode interface
CS
A4
A3
UART channel
1
n/a
n/a
none
000A
001B
010C
011D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com