Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC16C554DB Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SC16C554DB
Description  5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C554DB Datasheet(HTML) 5 Page - NXP Semiconductors

  SC16C554DB Datasheet HTML 1Page - NXP Semiconductors SC16C554DB Datasheet HTML 2Page - NXP Semiconductors SC16C554DB Datasheet HTML 3Page - NXP Semiconductors SC16C554DB Datasheet HTML 4Page - NXP Semiconductors SC16C554DB Datasheet HTML 5Page - NXP Semiconductors SC16C554DB Datasheet HTML 6Page - NXP Semiconductors SC16C554DB Datasheet HTML 7Page - NXP Semiconductors SC16C554DB Datasheet HTML 8Page - NXP Semiconductors SC16C554DB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 51 page
background image
9397 750 13133
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 9 February 2005
5 of 51
Philips Semiconductors
SC16C554B/554DB
5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
5.
Pinning information
5.1 Pinning
5.1.1 PLCC68
Fig 3.
Pin configuration for PLCC68 (16 mode)
SC16C554DBIA68
16 mode
DSRA
DSRD
CTSA
CTSD
DTRA
DTRD
VCC
GND
RTSA
RTSD
INTA
INTD
CSA
CSD
TXA
TXD
IOW
IOR
TXB
TXC
CSB
INTB
RTSB
GND
DTRB
CTSB
DSRB
CSC
INTC
RTSC
VCC
DTRC
CTSC
DSRC
002aaa879
10
11
12
13
14
15
16
17
18
19
20
60
59
58
57
56
55
54
53
52
51
50
21
22
23
24
25
26
49
48
47
46
45
44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com