Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC16C554DB Datasheet(PDF) 18 Page - NXP Semiconductors

Part # SC16C554DB
Description  5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C554DB Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button SC16C554DB Datasheet HTML 14Page - NXP Semiconductors SC16C554DB Datasheet HTML 15Page - NXP Semiconductors SC16C554DB Datasheet HTML 16Page - NXP Semiconductors SC16C554DB Datasheet HTML 17Page - NXP Semiconductors SC16C554DB Datasheet HTML 18Page - NXP Semiconductors SC16C554DB Datasheet HTML 19Page - NXP Semiconductors SC16C554DB Datasheet HTML 20Page - NXP Semiconductors SC16C554DB Datasheet HTML 21Page - NXP Semiconductors SC16C554DB Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 51 page
background image
9397 750 13133
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 9 February 2005
18 of 51
Philips Semiconductors
SC16C554B/554DB
5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
6.5 Hardware/software and time-out interrupts
Following a reset, if the transmitter interrupt is enabled, the SC16C554B/554DB will issue
an interrupt to indicate that the Transmit Holding Register is empty. This interrupt must be
serviced prior to continuing operations. The LSR register provides the current singular
highest priority interrupt only. Only after servicing the higher pending interrupt will the
lower priority interrupt(s) be reflected in the status register. Servicing the interrupt without
investigating further interrupt conditions can result in data errors.
When two interrupt conditions have the same priority, it is important to service these
interrupts correctly. Receive Data Ready and Receive Time Out have the same interrupt
priority (when enabled by IER[0]). The receiver issues an interrupt after the number of
characters have reached the programmed trigger level. In this case, the
SC16C554B/554DB FIFO may hold more characters than the programmed trigger level.
Following the removal of a data byte, the user should re-check LSR[0] for additional
characters. A Receive Time Out will not occur if the receive FIFO is empty. The time-out
counter is reset at the center of each stop bit received or each time the receive holding
register (RHR) is read. The actual time-out value is 4 character time.
In the 16 mode for the PLCC68 package, the system/board designer can optionally
provide software controlled 3-state interrupt operation. This is accomplished by INTSEL
and MCR[3]. When INTSEL interface pin is left open or made a logic 0, MCR[3] controls
the 3-state interrupt outputs, INTA to INTD. When INTSEL is a logic 1, MCR[3] has no
effect on the INTA to INTD outputs, and the package operates with interrupt outputs
enabled continuously.
6.6 Programmable baud rate generator
The SC16C554B/554DB supports high speed modem technologies that have increased
input data rates by employing data compression schemes. For example, a 33.6 kbit/s
modem that employs data compression may require a 115.2 kbit/s input data rate.
A 128.0 kbit/s ISDN modem that supports data compression may need an input data rate
of 460.8 kbit/s.
(1) RTS is de-asserted when the receiver receives the first data bit of the sixteenth byte. The receive FIFO is full after finishing
the sixteenth byte.
(2) RTS is asserted again when there is at least one byte of space available and no incoming byte is in processing, or there is
more than one byte of space available.
(3) When the receive FIFO is full, the first receive buffer register read re-asserts RTS.
Fig 10. RTS functional timing waveforms, RCV FIFO trigger level = 14 bytes
byte 14
byte 15
RX
RTS
IOR
(RD RBR)
Start
byte 18
Stop
Start
byte 16
Stop
002aaa051
RTS released after the
first data bit of byte 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com