Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC16C554DB Datasheet(PDF) 30 Page - NXP Semiconductors

Part # SC16C554DB
Description  5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C554DB Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button SC16C554DB Datasheet HTML 26Page - NXP Semiconductors SC16C554DB Datasheet HTML 27Page - NXP Semiconductors SC16C554DB Datasheet HTML 28Page - NXP Semiconductors SC16C554DB Datasheet HTML 29Page - NXP Semiconductors SC16C554DB Datasheet HTML 30Page - NXP Semiconductors SC16C554DB Datasheet HTML 31Page - NXP Semiconductors SC16C554DB Datasheet HTML 32Page - NXP Semiconductors SC16C554DB Datasheet HTML 33Page - NXP Semiconductors SC16C554DB Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 51 page
background image
9397 750 13133
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 9 February 2005
30 of 51
Philips Semiconductors
SC16C554B/554DB
5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
7.6 Modem Control Register (MCR)
This register controls the interface with the modem or a peripheral device.
Table 19:
Modem Control Register bits description
Bit
Symbol
Description
7:6
MCR[7:6]
Reserved; set to ‘0’.
5
MCR[5]
Autoflow control enable.
4
MCR[4]
Loop-back. Enable the local loop-back mode (diagnostics). In this mode
the transmitter output (TX) and the receiver input (RX), CTS, DSR, CD,
and RI are disconnected from the SC16C554B/554DB I/O pins. Internally
the modem data and control pins are connected into a loop-back data
configuration (see Figure 12). In this mode, the receiver and transmitter
interrupts remain fully operational. The Modem Control Interrupts are
also operational, but the interrupts’ sources are switched to the lower four
bits of the Modem Control. Interrupts continue to be controlled by the IER
register.
Logic 0 = Disable loop-back mode (normal default condition).
Logic 1 = Enable local loop-back mode (diagnostics).
3
MCR[3]
OP2, INTx enable. Used to control the modem CD signal in the loop-back
mode.
Logic 0 = Forces INTA to INTD outputs to the 3-state mode during the
16 mode (normal default condition). In the loop-back mode, sets OP2
(CD) internally to a logic 1.
Logic 1 = Forces the INTA to INTD outputs to the active mode during
the 16 mode. In the loop-back mode, sets OP2 (CD) internally to a
logic 0.
2
MCR[2]
OP1. This bit is used in the Loop-back mode only. In the loop-back mode,
this bit is used to write the state of the modem RI interface signal via
OP1.
1
MCR[1]
RTS
Logic 0 = Force RTS output to a logic 1 (normal default condition).
Logic 1 = Force RTS output to a logic 0.
Automatic RTS may be used for hardware flow control by enabling
MCR[5].
0
MCR[0]
DTR
Logic 0 = Force DTR output to a logic 1 (normal default condition).
Logic 1 = Force DTR output to a logic 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com