Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2145 Datasheet(PDF) 119 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 119 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 115Page - Renesas Technology Corp HD64F2145 Datasheet HTML 116Page - Renesas Technology Corp HD64F2145 Datasheet HTML 117Page - Renesas Technology Corp HD64F2145 Datasheet HTML 118Page - Renesas Technology Corp HD64F2145 Datasheet HTML 119Page - Renesas Technology Corp HD64F2145 Datasheet HTML 120Page - Renesas Technology Corp HD64F2145 Datasheet HTML 121Page - Renesas Technology Corp HD64F2145 Datasheet HTML 122Page - Renesas Technology Corp HD64F2145 Datasheet HTML 123Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 829 page
background image
Rev. 2.0, 08/02, page 79 of 788
Section 4 Exception Handling
4.1
Exception Handling Types and Priority
As table 4.1 indicates, exception handling may be caused by a reset, interrupt, direct transition, or
trap instruction. Exception handling is prioritized as shown in table 4.1. If two or more exceptions
occur simultaneously, they are accepted and processed in order of priority.
Table 4.1
Exception Types and Priority
Priority
Exception Type
Start of Exception Handling
Reset
Starts immediately after a low-to-high transition of the
5(6
pin, or when the watchdog timer overflows.
Interrupt
Starts when execution of the current instruction or exception
handling ends, if an interrupt request has been issued.
Interrupt detection is not performed on completion of ANDC,
ORC, XORC, or LDC instruction execution, or on
completion of reset exception handling.
High
Direct transition
Starts when a direction transition occurs as the result of
SLEEP instruction execution.
Low
Trap instruction
Started by execution of a trap (TRAPA) instruction. Trap
instruction exception handling requests are accepted at all
times in program execution state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com