Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2145 Datasheet(PDF) 121 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 121 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 117Page - Renesas Technology Corp HD64F2145 Datasheet HTML 118Page - Renesas Technology Corp HD64F2145 Datasheet HTML 119Page - Renesas Technology Corp HD64F2145 Datasheet HTML 120Page - Renesas Technology Corp HD64F2145 Datasheet HTML 121Page - Renesas Technology Corp HD64F2145 Datasheet HTML 122Page - Renesas Technology Corp HD64F2145 Datasheet HTML 123Page - Renesas Technology Corp HD64F2145 Datasheet HTML 124Page - Renesas Technology Corp HD64F2145 Datasheet HTML 125Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 829 page
background image
Rev. 2.0, 08/02, page 81 of 788
4.3
Reset
A reset has the highest exception priority. When the
5(6 pin goes low, all processing halts and
this LSI enters the reset. To ensure that this LSI is reset, hold the
5(6 pin low for at least 20 ms at
power-on. To reset the chip during operation, hold the
5(6 pin low for at least 20 states. A reset
initializes the internal state of the CPU and the registers of on-chip peripheral modules. The chip
can also be reset by overflow of the watchdog timer. For details, see section 14, Watchdog Timer
(WDT).
4.3.1
Reset Exception Handling
When the
5(6 pin goes high after being held low for the necessary time, this LSI starts reset
exception handling as follows:
1. The internal state of the CPU and the registers of the on-chip peripheral modules are initialized
and the I bit is set to 1 in CCR.
2. The reset exception handling vector address is read and transferred to the PC, and program
execution starts from the address indicated by the PC.
Figure 4.1 shows an example of the reset sequence.
ø
Internal address bus
Internal read signal
Internal write signal
Internal data bus
Vector
fetch
(1) Reset exception handling vector address ((1) = H'0000)
(2) Start address (contents of reset exception handling vector address)
(3) Start address ((3) = (2))
(4) First program instruction
(1)
(3)
High
Internal
processing
Prefetch of first program
instruction
(2)
(4)
Figure 4.1 Reset Sequence (Mode 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com