Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2145 Datasheet(PDF) 125 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 125 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 121Page - Renesas Technology Corp HD64F2145 Datasheet HTML 122Page - Renesas Technology Corp HD64F2145 Datasheet HTML 123Page - Renesas Technology Corp HD64F2145 Datasheet HTML 124Page - Renesas Technology Corp HD64F2145 Datasheet HTML 125Page - Renesas Technology Corp HD64F2145 Datasheet HTML 126Page - Renesas Technology Corp HD64F2145 Datasheet HTML 127Page - Renesas Technology Corp HD64F2145 Datasheet HTML 128Page - Renesas Technology Corp HD64F2145 Datasheet HTML 129Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 829 page
background image
Rev. 2.0, 08/02, page 85 of 788
Section 5 Interrupt Controller
5.1
Features
• Two interrupt control modes
Any of two interrupt control modes can be set by means of the INTM1 and INTM0 bits in the
system control register (SYSCR).
• Priorities settable with ICR
An interrupt control register (ICR) is provided for setting interrupt priorities. Three priority
levels can be set for each module for all interrupts except NMI and address break.
• Independent vector addresses
All interrupt sources are assigned independent vector addresses, making it unnecessary for the
source to be identified in the interrupt handling routine.
• Thirty-one external interrupts
NMI is the highest-priority interrupt, and is accepted at all times. Rising edge or falling edge
detection can be selected for NMI. Falling-edge, rising-edge, or both-edge detection, or level
sensing, can be selected for
,54: to ,543. The IRQ6 interrupt is shared by the interrupt from
the
,549 pin and eight external interrupt inputs (.,1: to .,13), and the IRQ7 interrupt is
shared by the interrupt from the
,54: pin and sixteen external interrupt inputs (.,148 to
.,1; and :8(: to :8(3). .,148 to .,13 and :8(: to :8(3 can be masked
individually by the user program.
• DTC control
The DTC can be activated by an interrupt request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com