Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2145 Datasheet(PDF) 129 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 129 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 125Page - Renesas Technology Corp HD64F2145 Datasheet HTML 126Page - Renesas Technology Corp HD64F2145 Datasheet HTML 127Page - Renesas Technology Corp HD64F2145 Datasheet HTML 128Page - Renesas Technology Corp HD64F2145 Datasheet HTML 129Page - Renesas Technology Corp HD64F2145 Datasheet HTML 130Page - Renesas Technology Corp HD64F2145 Datasheet HTML 131Page - Renesas Technology Corp HD64F2145 Datasheet HTML 132Page - Renesas Technology Corp HD64F2145 Datasheet HTML 133Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 829 page
background image
Rev. 2.0, 08/02, page 89 of 788
5.3.2
Address Break Control Register (ABRKCR)
ABRKCR controls the address breaks. When both the CMF flag and BIE flag are set to 1, an
address break is requested.
Bit
Bit Name
Initial Value
R/W
Description
7
CMF
0
R
Condition Match Flag
Address break source flag. Indicates that an
address specified by BARA to BARC is
prefetched.
[Setting condition]
When an address specified by BARA to BARC
is prefetched while the BIE flag is set to 1.
[Clearing condition]
When an exception handling is executed for an
address break interrupt.
6
to
1
—
All 0
R
Reserved
These bits are always read as 0 and cannot be
modified.
0
BIE
0
R/W
Break Interrupt Enable
Enables or disables address break.
0: Disabled
1: Enabled
5.3.3
Break Address Registers A to C (BARA to BARC)
The BAR registers specify an address that is to be a break address. An address in which the first
byte of an instruction exists should be set as a break address. In normal mode, addresses A23 to
A16 are not compared.
• BARA
Bit
Bit Name
Initial Value
R/W
Description
7
to
0
A23
to
A16
All 0
R/W
Addresses 23 to 16
The A23 to A16 bits are compared with A23 to
A16 in the internal address bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com