Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2145 Datasheet(PDF) 130 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 130 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 126Page - Renesas Technology Corp HD64F2145 Datasheet HTML 127Page - Renesas Technology Corp HD64F2145 Datasheet HTML 128Page - Renesas Technology Corp HD64F2145 Datasheet HTML 129Page - Renesas Technology Corp HD64F2145 Datasheet HTML 130Page - Renesas Technology Corp HD64F2145 Datasheet HTML 131Page - Renesas Technology Corp HD64F2145 Datasheet HTML 132Page - Renesas Technology Corp HD64F2145 Datasheet HTML 133Page - Renesas Technology Corp HD64F2145 Datasheet HTML 134Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 829 page
background image
Rev. 2.0, 08/02, page 90 of 788
• BARB
Bit
Bit Name
Initial Value
R/W
Description
7
to
0
A15
to
A8
All 0
R/W
Addresses 15 to 8
The A15 to A8 bits are compared with A15 to
A8 in the internal address bus.
• BARC
Bit
Bit Name
Initial Value
R/W
Description
7
to
1
A7
to
A1
All 0
R/W
Addresses 7 to 1
The A7 to A1 bits are compared with A7 to A1 in
the internal address bus.
0—
0
R
Reserved
This bit is always read as 0 and cannot be
modified.
5.3.4
IRQ Sense Control Registers (ISCRH, ISCRL)
The ISCR registers select the source that generates an interrupt request at pins
,54: to ,543.
• ISCRH
Bit
Bit Name
Initial Value
R/W
Description
7
6
IRQ7SCB
IRQ7SCA
0
0
R/W
R/W
5
4
IRQ6SCB
IRQ6SCA
0
0
R/W
R/W
3
2
IRQ5SCB
IRQ5SCA
0
0
R/W
R/W
1
0
IRQ4SCB
IRQ4SCA
0
0
R/W
R/W
IRQn Sense Control B
IRQn Sense Control A
00: Interrupt request generated at low level of
,54Q input
01: Interrupt request generated at falling edge
of
,54Q input
10: Interrupt request generated at rising edge of
,54Q input
11: Interrupt request generated at both falling
and rising edges of
,54Q input
(n = 7 to 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com