Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2145 Datasheet(PDF) 134 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 134 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 130Page - Renesas Technology Corp HD64F2145 Datasheet HTML 131Page - Renesas Technology Corp HD64F2145 Datasheet HTML 132Page - Renesas Technology Corp HD64F2145 Datasheet HTML 133Page - Renesas Technology Corp HD64F2145 Datasheet HTML 134Page - Renesas Technology Corp HD64F2145 Datasheet HTML 135Page - Renesas Technology Corp HD64F2145 Datasheet HTML 136Page - Renesas Technology Corp HD64F2145 Datasheet HTML 137Page - Renesas Technology Corp HD64F2145 Datasheet HTML 138Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 829 page
background image
Rev. 2.0, 08/02, page 94 of 788
internal signal
IRQ6E
Edge level
selection
enable/disable
circuit
Edge level
selection
enable/disable
circuit
IRQ6SC
interrupt
KMIMR0 (initial value 1)
P60/
KMIMR5 (initial value 1)
P65/
KMIMR6 (initial value 0)
P66/
/
KMIMR7 (initial value 1)
P67/
/
internal signal
IRQ7E
IRQ7SC
interrupt
KMIMR8 (initial value 1)
PA0/
KMIMR9 (initial value 1)
PA1/
WUEMR7 (initial value 1)
PB7/
Figure 5.2 Relationship between Interrupts IRQ7 and IRQ6, Interrupts KIN15 to KIN0,
Interrupts WUE7 to WUE0, and Registers KMIMR, KMIMRA, and WUEMRB
If any of bits KMIMR15 to KMIMR8 or WUEMRB7 to WUEMRB0 is cleared to 0, interrupt
input from the
,54: pin will be ignored. When pins .,1: to .,13, .,148#to .,1;, or :8(: to
:8(3 are used as key-sense interrupt input pins or wakeup event interrupt input pins, either low-
level sensing or falling-edge sensing must be designated as the interrupt sense condition for the
corresponding interrupt source (IRQ6 or IRQ7).
5.4
Interrupt Sources
5.4.1
External Interrupts
There are four types of external interrupts: NMI, IRQ7 to IRQ0, KIN15 to KIN0 and WUE7 to
WUE0. WUE7 to WUE0 and KIN15 to KIN8 share the IRQ7 interrupt source, and KIN7 to KIN0
share the IRQ6 interrupt source. Of these, NMI, IRQ7, IRQ6, and IRQ2 to IRQ0 can be used to
restore this LSI from software standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com