| Electronic Components Datasheet Search |
|
HD64F2145 Datasheet(PDF) 135 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F2145 Datasheet(HTML) 135 Page - Renesas Technology Corp |
|
135 / 829 page ![]() Rev. 2.0, 08/02, page 95 of 788 NMI Interrupt: NMI is the highest-priority interrupt, and is always accepted by the CPU regardless of the interrupt control mode or the status of the CPU interrupt mask bits. The NMIEG bit in SYSCR can be used to select whether an interrupt is requested at a rising edge or a falling edge on the NMI pin. IRQ7 to IRQ0 Interrupts: Interrupts IRQ7 to IRQ0 are requested by an input signal at pins ,54: to ,543. Interrupts IRQ7 to IRQ0 have the following features: • The interrupt exception handling for interrupt requests IRQ7 to IRQ0 can be started at an independent vector address. • Using ISCR, it is possible to select whether an interrupt is generated by a low level, falling edge, rising edge, or both edges, at pins ,54: to ,543. • Enabling or disabling of interrupt requests IRQ7 to IRQ0 can be selected with IER. • Interrupt control levels can be specified by the ICR settings. • The status of interrupt requests IRQ7 to IRQ0 is indicated in ISR. ISR flags can be cleared to 0 by software. The detection of IRQ7 to IRQ0 interrupts does not depend on whether the relevant pin has been set for input or output. However, when a pin is used as an external interrupt input pin, do not clear the corresponding DDR to 0 to use the pin as an I/O pin for another function. A block diagram of interrupts IRQ7 to IRQ0 is shown in figure 5.3. IRQn interrupt request IRQnE IRQnF S R Q Clear signal Edge/level detection circuit IRQnSCA, IRQnSCB input n = 7 to 0 Figure 5.3 Block Diagram of Interrupts IRQ7 to IRQ0 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |