Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2145 Datasheet(PDF) 137 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 137 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 133Page - Renesas Technology Corp HD64F2145 Datasheet HTML 134Page - Renesas Technology Corp HD64F2145 Datasheet HTML 135Page - Renesas Technology Corp HD64F2145 Datasheet HTML 136Page - Renesas Technology Corp HD64F2145 Datasheet HTML 137Page - Renesas Technology Corp HD64F2145 Datasheet HTML 138Page - Renesas Technology Corp HD64F2145 Datasheet HTML 139Page - Renesas Technology Corp HD64F2145 Datasheet HTML 140Page - Renesas Technology Corp HD64F2145 Datasheet HTML 141Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 829 page
background image
Rev. 2.0, 08/02, page 97 of 788
An interrupt control level can be specified for a module to which an ICR bit is assigned. Interrupt
requests from modules that are set to control level 1 (priority) by the ICR bit setting and the I and
UI bits in CCR are given priority and processed before interrupt requests from modules that are set
to control level 0 (no priority).
Table 5.3
Interrupt Sources, Vector Addresses, and Interrupt Priorities
Vector Address
Origin of
Interrupt
Source
Name
Vector
Number
Normal
Mode
Advanced
Mode
ICR
Priority
NMI
7
H'000E
H'00001C
—
High
IRQ0
16
H'0020
H'000040
ICRA7
IRQ1
17
H'0022
H'000044
ICRA6
IRQ2
IRQ3
18
19
H'0024
H'0026
H'000048
H'00004C
ICRA5
IRQ4
IRQ5
20
21
H'0028
H'002A
H'000050
H'000054
ICRA4
External pin
IRQ6, KIN7 to KIN0
IRQ7, KIN15 to KIN8, WUE7 to
WUE0
22
23
H'002C
H'002E
H'000058
H'00005C
ICRA3
DTC
SWDTEND (Software activation
data transfer end)
24
H'0030
H'000060
ICRA2
WDT_0
WOVI0 (Interval timer)
25
H'0032
H'000064
ICRA1
WDT_1
WOVI1 (Interval timer)
26
H'0034
H'000068
ICRA0
—
Address break
27
H'0036
H'00006C
—
A/D
converter
ADI (A/D conversion end)
28
H'0038
H'000070
ICRB7
—
Reserved for system use
29
to
47
H’003A
to
H’005E
H’000074
to
H’0000BC
—
FRT
ICIA (Input capture A)
ICIB (Input capture B)
ICIC (Input capture C)
ICID (Input capture D)
OCIA (Output compare A)
OCIB (Output compare B)
FOVI (Overflow)
Reserved for system use
48
49
50
51
52
53
54
55
H'0060
H'0062
H'0064
H'0066
H'0068
H'006A
H'006C
H'006E
H'0000C0
H'0000C4
H'0000C8
H'0000CC
H'0000D0
H'0000D4
H'0000D8
H'0000DC
ICRB6
—
Reserved for system use
56
to
63
H’0070
to
H’007E
H’0000E0
to
H’0000FC
—
TMR_0
CMIA0 (Compare match A)
CMIB0 (Compare match A)
OVI0 (Overflow)
Reserved for system use
64
65
66
67
H'0080
H'0082
H'0084
H'0086
H'000100
H'000104
H'000108
H'00010C
ICRB3
Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com